Electronic Components Datasheet Search
  English  ▼

X  

GSD2004WS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GSD2004WS
Description  Small Signal Switching Diode, High Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSD2004WS Datasheet(HTML) 1 Page - Vishay Siliconix

  GSD2004WS Datasheet HTML 1Page - Vishay Siliconix GSD2004WS Datasheet HTML 2Page - Vishay Siliconix GSD2004WS Datasheet HTML 3Page - Vishay Siliconix GSD2004WS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GSD2004WS
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 14-Jul-17
1
Document Number: 85730
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Switching Diode, High Voltage
DESIGN SUPPORT TOOLS click logo to get started
MECHANICAL DATA
Case: SOD-323
Weight: approx. 4.3 mg
Packaging codes / options:
18/10K per 13
" reel (8 mm tape), 10K/box
08/3K per 7
" reel (8 mm tape), 15K/box
FEATURES
• Silicon epitaxial planar diode
• Fast switching diode, especially suited for
applications requiring high voltage capability
• AEC-Q101 qualified available
• Base P/N-E3 - RoHS-compliant, commercial
grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Valid provided that electrodes are kept at ambient temperature
Available
Models
PARTS TABLE
PART
ORDERING CODE
CIRCUIT CONFIGURATION
TYPE MARKING
REMARKS
GSD2004WS
GSD2004WS-E3-08 or GSD2004WS-E3-18
Single
B6
Tape and reel
GSD2004WS-HE3-08 or GSD2004WS-HE3-18
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Continuous reverse voltage
VR
240
V
Repetitive peak reverse voltage
VRRM
300
V
Forward current (continuous)
IF
225
mA
Peak repetitive forward current
IFRM
625
mA
Non-repetitive peak forward current
tp = 1 μs
IFSM
4A
tp = 1 s
IFSM
1A
Power dissipation (1)
Ptot
200
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Typical thermal resistance junction to
ambient air (1)
RthJA
650
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-65 to +150
°C
Operating temperature range
Top
-55 to +150
°C


Similar Part No. - GSD2004WS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSD2004WS VISHAY-GSD2004WS Datasheet
34Kb / 2P
High-Voltage Small-Signal Switching Diode
14-May-02
logo
SUNMATE electronic Co.,...
GSD2004WS SUNMATE-GSD2004WS Datasheet
677Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Vishay Siliconix
GSD2004WS VISHAY-GSD2004WS Datasheet
87Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
GSD2004WS-E3-08 VISHAY-GSD2004WS-E3-08 Datasheet
87Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
GSD2004WS-E3-18 VISHAY-GSD2004WS-E3-18 Datasheet
87Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
More results

Similar Description - GSD2004WS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAY80 VISHAY-BAY80_08 Datasheet
121Kb / 5P
Small Signal Switching Diode, High Voltage
19-Feb-07
BAY135 VISHAY-BAY135_08 Datasheet
113Kb / 4P
Small Signal Switching Diode, High Voltage
19-Feb-07
GSD2004W-V VISHAY-GSD2004W-V Datasheet
82Kb / 4P
Small Signal Switching Diode, High Voltage
03-Jan-06
GSD2004W-V VISHAY-GSD2004W-V_12 Datasheet
57Kb / 3P
Small Signal Switching Diode, High Voltage
12-Aug-10
BAY80 VISHAY-BAY80_12 Datasheet
79Kb / 4P
Small Signal Switching Diode, High Voltage
16-Jul-12
GSD2004W-G VISHAY-GSD2004W-G Datasheet
81Kb / 3P
Small Signal Switching Diode, High Voltage
13-May-13
GSD2004WS VISHAY-GSD2004WS_17 Datasheet
87Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
GSD2004W VISHAY-GSD2004W Datasheet
95Kb / 3P
Small Signal Switching Diode, High Voltage
22-Feb-18
BAY80 VISHAY-BAY80_V01 Datasheet
81Kb / 4P
Small Signal Switching Diode, High Voltage
06-May-13
GSD2004WS-G VISHAY-GSD2004WS-G_V01 Datasheet
90Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com