Electronic Components Datasheet Search
  English  ▼

X  

AV92 Datasheet(PDF) 1 Page - Avic Technology

Part # AV92
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV92 Datasheet(HTML) 1 Page - Avic Technology

  AV92 Datasheet HTML 1Page - Avic Technology AV92 Datasheet HTML 2Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
@vic
AV92
Copyright © Avic Electronics Corp.
1
Website: http://www.avictek.com
TO-92 Plastic-Encapsulate Transistors
A92 TRANSISTOR( PNP )
FEATURES
Power dissipation
PCM : 0.625 W(Tamb=25℃)
Collector current
ICM : -0.3 A
Collector-base voltage
V(BR)CBO : -300 V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150℃
ELECTRICAL CHARACTERISTICS(Tamb=25℃ unless otherwise specified
)
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= -100μA, IE=0
-300
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= -1 mA, IB=0
-300
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -10μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -200 V IE=0
-0.25
μA
Emitter cut-off current
IEBO
VEB= - 3 V, IC=0
-0.25
μA
HFE(1)
VCE= -10 V, IC= -1 mA
25
HFE(2)
VCE=-10V, IC =-10 mA
80
250
DC current gain
HFE(3)
VCE= -10V, IC= -50 mA
25
Collector-emitter saturation voltage
VCE(sat)
IC= -20 mA, IB=-2 mA
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC= -20mA, IB= -2 mA
-0.9
V
Transition frequency
fT
VCE= -5 V, IC= -10 mA
f =30MHz
50
MHz
CLASSIFICATION OF HFE(2)
Rank
A
B1
B2
C
Range
80-100
100-150
150-200
200-250
1
2 3
TO—92
1. EMITTER
2. BASE
3.COLLECTOR


Similar Part No. - AV92

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV9012 AVICTEK-AV9012 Datasheet
153Kb / 2P
TO-92 Plastic-Encapsulate Transistors
AV9012LT1 AVICTEK-AV9012LT1 Datasheet
42Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
AV9014 AVICTEK-AV9014 Datasheet
153Kb / 2P
TO-92 Plastic-Encapsulate Transistors
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
AV9018LT1 AVICTEK-AV9018LT1 Datasheet
40Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - AV92

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com