Electronic Components Datasheet Search
  English  ▼

X  

AV92 Datasheet(PDF) 2 Page - Avic Technology

Part # AV92
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV92 Datasheet(HTML) 2 Page - Avic Technology

  AV92 Datasheet HTML 1Page - Avic Technology AV92 Datasheet HTML 2Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
@vic
AV92
Copyright © Avic Electronics Corp.
2
Website: http://www.avictek.com
Typical Characteristics
DC Current Gain
vs Collector Current
Reverse Bias Voltage (V)
TA - Ambient Temperature ( C)
Collector-Base and Emitter-Base
Capacitance vs Reverse Bias
Collector-Cutoff Current
vs Ambient Temperature
Collector-Emitter Saturationvs
Voltage vs Collector Current
IC - Collector Current (mA)
Base-Emitter Saturation
Voltage vs Collector Current
Base-Emitter ON Voltage vs
Collector Current
IC - Collector Current (mA)
IC - Collector Current (mA)
IC - Collector Current (mA)
140
120
100
80
60
40
20
125 °C
0.1
1
10
100
0.6
25 °C
-40 °C
VCE = 5V
0.4
0.2
0.1
1
10
100
=1 0
125 °C
25 °C
-40 °C
0.8
0.6
0.4
0.5
0.3
1
100
1
10
100
100
150
=1 0
125 °C
25 °C
-40 °C
0.8
0.6
0.4
0.2
1
10
-40 °C
25 °C
125 °C
VCE =5V
10
1
25
50
75
100
125
VCB =150V
10
1
0.1
1
10
0.1
100
Cib
Cob
0.7
0.9
1.0
0.1
f =1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com