Electronic Components Datasheet Search
  English  ▼

X  

ACE73205F Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE73205F
Description  PWM Step-down DC-DC Controller IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE73205F Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE73205F Datasheet HTML 1Page - ACE Technology Co., LTD. ACE73205F Datasheet HTML 2Page - ACE Technology Co., LTD. ACE73205F Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE73205F
PWM Step-down DC-DC Controller IC
VER 1.1
2
Absolute Maximum Ratings
Parameter
Value
Voltage from VCC, VG, SW, DRV, to GND
-0.3V to 36V
Voltage from VG to VCC
-8V to 0.3V
Voltage from OUT, SHDN and COM to GND
-0.3V to 6.5V
Storage Temperature
-65°C to 150°C
Operating Ambient Temperature
-40°C to 85°C
Lead Temperature (Soldering, 10 seconds)
260℃
Stresses
beyond those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied. Exposure to Absolute Maximum Rating
Conditions for extended periods may affect device reliability.
Ordering Information
ACE73205F XX + H
Typical Applications
C2 is 100nF (0603)
C3 is 10nF (0603)
R1 is 1K ohm (0603 or 0402)
Please refer to section of Application Information for the selection of the other components
Halogen - free
FM: SOP-8
Pb - free



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com