Electronic Components Datasheet Search
  English  ▼

X  

ACE73205F Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE73205F
Description  PWM Step-down DC-DC Controller IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE73205F Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE73205F Datasheet HTML 1Page - ACE Technology Co., LTD. ACE73205F Datasheet HTML 2Page - ACE Technology Co., LTD. ACE73205F Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE73205F
PWM Step-down DC-DC Controller IC
VER 1.1
1
Description
The ACE73205F is a switch-mode PWM step-down DC-DC controller using few external components.
It achieves 5A continuous output current over a wide input supply range with excellent load and line
regulation. The output voltage is internally set at 5V.
The high switching frequency of 550KHz allows tiny external components to be usable. The ACE73205F
is designed to be stable with ceramic output capacitor. Pulse skipping mode is adopted under light load
for high efficiency. Furthermore, the low operating current and low dropout operation make the
ACE73205F is suitable for battery powered systems.
Fault protection includes cycle-by-cycle current limit, short output protection and output overvoltage
protection. In shutdown mode, the ACE73205F draws onl
y 7.5μA(VCC=15V) of supply current. On-chip
soft-start minimizes the inrush supply current and the output overshoot at initial startup.
The ACE73205F is available in a space-saving 8-pin SOP package.
Features
Wide Input Voltage: 4.8V to 32V
Operating with an External P-Channel MOSFET
Output Current Up to 5A
Fixed Switching Frequency: 550KHz
Fixed Output Voltage with 1% Accuracy
Efficiency up to 95%
Low Drop-Out Mode
Stable with Low-ESR Output Ceramic Capacitor
On-Chip Power-On Delay to Debounce Input Supply
Cycle-by-Cycle Current Limit
Overvoltage protection
Frequency Foldback for Output Short Circuit Protection
Built-in Soft Start
High Efficiency at Light Load with Pulse Skipping Mode
Shutdown Current: 7.5uA typical at 15V
Operating Ambient Temperature -40℃ to 85℃
Application
Car Charger
Set-Top Box, Modems
Pre-regulator
Distributed Power Systems
Battery Chargers


Similar Part No. - ACE73205F

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7323M ACE-ACE7323M Datasheet
744Kb / 6P
P-Channel 20-V (D-S) MOSFET
VER 1.1
ACE732E ACE-ACE732E Datasheet
560Kb / 10P
6V/3.5A, Fast Response, Step-Down Converter
VER 1.2
More results

Similar Description - ACE73205F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2002
logo
List of Unclassifed Man...
RT9226A ETC1-RT9226A Datasheet
186Kb / 6P
Synchronus PWM Step-down DC/DC Comverter Controller
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
Unisonic Technologies
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Global Mixed-mode Techn...
G5001 GMT-G5001 Datasheet
106Kb / 2P
300kHz DC-DC Step-Down PWM Controller
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
Step-Down PWM DC/DC Converter IC
logo
Unisonic Technologies
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com