Electronic Components Datasheet Search
  English  ▼

X  

ADUM1250 Datasheet(PDF) 13 Page - Analog Devices

Part # ADUM1250
Description  Hot Swappable, Dual I2C Isolators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1250 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUM1250 Datasheet HTML 8Page - Analog Devices ADUM1250 Datasheet HTML 9Page - Analog Devices ADUM1250 Datasheet HTML 10Page - Analog Devices ADUM1250 Datasheet HTML 11Page - Analog Devices ADUM1250 Datasheet HTML 12Page - Analog Devices ADUM1250 Datasheet HTML 13Page - Analog Devices ADUM1250 Datasheet HTML 14Page - Analog Devices ADUM1250 Datasheet HTML 15Page - Analog Devices ADUM1250 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADuM1250/ADuM1251
Rev. I | Page 13 of 16
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 12. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1, 2
Number
of Inputs,
VDD1 Side
Number
of Inputs,
VDD2 Side
Maximum
Data Rate
(Mbps)
Maximum
Propagation
Delay (ns)
Temperature
Range
Package
Description
Package
Option
ADuM1250ARZ
2
2
1
150
−40°C to +105°C
8-Lead SOIC_N
R-8
ADuM1250ARZ-RL7
2
2
1
150
−40°C to +105°C
8-Lead SOIC_N
R-8
ADuM1250SRZ
2
2
1
150
−40°C to +125°C
8-Lead SOIC_N
R-8
ADuM1250SRZ-RL7
2
2
1
150
−40°C to +125°C
8-Lead SOIC_N
R-8
ADuM1250WSRZ
2
2
1
150
−40°C to +125°C
8-Lead SOIC_N
R-8
ADuM1250WSRZ-RL7
2
2
1
150
−40°C to +125°C
8-Lead SOIC_N
R-8
ADuM1251ARZ
2
1
1
150
−40°C to +105°C
8-Lead SOIC_N
R-8
ADuM1251ARZ-RL7
2
1
1
150
−40°C to +105°C
8-Lead SOIC_N
R-8
ADuM1251WARZ
2
1
1
150
−40°C to +125°C
8-Lead SOIC_N
R-8
ADuM1251WARZ-RL7
2
1
1
150
−40°C to +125°C
8-Lead SOIC_N
R-8
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADuM1250W and ADuM1251W models are available with controlled manufacturing to support the quality and reliability
requirements of automotive applications. Note that these automotive models may have specifications that differ from the commercial
models; therefore, designers should review the Specifications section of this data sheet carefully. Only the automotive grade products
shown are available for use in automotive applications. Contact your local Analog Devices account representative for specific product
ordering information and to obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com