Electronic Components Datasheet Search
  English  ▼

X  

ADUM1250 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM1250
Description  Hot Swappable, Dual I2C Isolators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1250 Datasheet(HTML) 2 Page - Analog Devices

  ADUM1250 Datasheet HTML 1Page - Analog Devices ADUM1250 Datasheet HTML 2Page - Analog Devices ADUM1250 Datasheet HTML 3Page - Analog Devices ADUM1250 Datasheet HTML 4Page - Analog Devices ADUM1250 Datasheet HTML 5Page - Analog Devices ADUM1250 Datasheet HTML 6Page - Analog Devices ADUM1250 Datasheet HTML 7Page - Analog Devices ADUM1250 Datasheet HTML 8Page - Analog Devices ADUM1250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADuM1250/ADuM1251
Data Sheet
Rev. I | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications ...................................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications .................................................................................... 3
 
Electrical Characteristics ............................................................. 3
 
Package Characteristics ............................................................... 5
 
Regulatory Information............................................................... 5
 
Insulation and Safety Related Specifications............................ 5
 
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics .............................................................................. 6
 
Recommended Operating Conditions ...................................... 6
 
Absolute Maximum Ratings ........................................................... 7
 
ESD Caution ..................................................................................7
 
Pin Configuration and Function Descriptions .............................8
 
Test Conditions .................................................................................9
 
Applications Information ............................................................. 10
 
Functional Description.............................................................. 10
 
Startup.......................................................................................... 10
 
Typical Application Diagram ................................................... 11
 
Capacitive Load at Low Speeds ................................................ 11
 
Magnetic Field Immunity ......................................................... 12
 
Outline Dimensions....................................................................... 13
 
Ordering Guide .......................................................................... 13
 
Automotive Products ................................................................ 13
 
REVISION HISTORY
3/2020—Rev. H to Rev. I
Changes to Side 2 (VSDA2, VSCL2) Parameter, Table 8.................... 7
7/2015—Rev. G to Rev. H
Changes to Table 4 and Table 5...................................................... 5
3/2014—Rev. F to Rev. G
Moved Typical Application Diagram Section............................ 11
Added Capacitive Load at Low Speeds Section and Table 11 ....... 11
Moved Magnetic Field Immunity Section .................................. 12
Changes to Ordering Guide.......................................................... 13
9/2012—Rev. E to Rev. F
Created Hyperlink for Safety and Regulatory Approvals
Entry in Features Section ................................................................ 1
Changes to Ordering Guide.......................................................... 12
12/2011—Rev. D to Rev. E
Change to Ordering Guide............................................................ 12
Changes to Automotive Products Section .................................. 12
7/2011—Rev. C to Rev. D
Change to Typical Application Diagram Section ...................... 11
5/2010—Rev. B to Rev. C
Changes to Features Section and Applications Section...............1
Changed VDD1 = 5 V, and VDD2 = 5 V to VDD1 = 3.3 V or 5 V,
and VDD2 = 3.3 V or 5 V ....................................................................3
Changed VDD1 = 5 V, and VDD2 = 5 V to VDD1 = 3.3 V or 5 V,
and VDD2 = 3.3 V or 5 V ....................................................................4
Changes to Typical Application Diagram Section
and Figure 9..................................................................................... 11
Changes to Ordering Guide.......................................................... 12
Added Automotive Products Section.......................................... 12
12/2009—Rev. A to Rev. B
Changes to Features Section ............................................................1
Changes to Operating Temperature (TA) Parameter, Table 7 ....6
Changes to Ambient Operating Temperature (TA) Parameter,
Table 8.................................................................................................7
Changes to Ordering Guide.......................................................... 12
6/2007—Rev. 0 to Rev. A
Updated VDE Certification Throughout.......................................1
Changes to Features and Note 1......................................................1
Changes to Table 4 and Table 5 ......................................................5
Changes to Table 6 ............................................................................6
Updated Outline Dimensions ...................................................... 12
Changes to Ordering Guide.......................................................... 12
10/2006—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com