Electronic Components Datasheet Search
  English  ▼

X  

RFSA3413 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # RFSA3413
Description  5 MHz to 6000 MHz Digial Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA3413 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button RFSA3413 Datasheet HTML 5Page - Qorvo, Inc RFSA3413 Datasheet HTML 6Page - Qorvo, Inc RFSA3413 Datasheet HTML 7Page - Qorvo, Inc RFSA3413 Datasheet HTML 8Page - Qorvo, Inc RFSA3413 Datasheet HTML 9Page - Qorvo, Inc RFSA3413 Datasheet HTML 10Page - Qorvo, Inc RFSA3413 Datasheet HTML 11Page - Qorvo, Inc RFSA3413 Datasheet HTML 12Page - Qorvo, Inc RFSA3413 Datasheet HTML 13Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RFSA3413
5 MHz to 6000 MHz Digital Step Attenuator
Datasheet March 5, 2019 | Subject to change without notice
9 of 14
www.qorvo.com
®
RFSA3413 Programming by Using USB Interface
Refer to Qorvo Control Bit Generator (CBG) Software Reference Manual for detailed instructions on how to setup the
software for use. Apply the supply voltage to P3. Select RFSA3413 from the Qorvo Parts List of the CBG user interface.
Set the attenuation value using the CBG Graphic User Interface (GUI). The attenuator is set to the desired state and
measurements can be taken.
RFSA3413 Programming by Using Its Parallel Bus
This configuration allows the user to control the attenuator through the P1 connector using an external
harness. Remove the USB interface board if it is currently installed on the evaluation board. Connect a user-
supplied harness to the P1 connector. The parallel bus signal names for P1 are indicated on the evaluation
board. Cross reference for device pin names to P1 connector signals is as follows: C1 = D2, C2 = D3, C4 =
D4, C8 = D5. Apply the supply voltage to P3. Send the appropriate signals onto the parallel bus lines in
accordance with the Parallel Interface Attenuation Truth Table. The attenuator is set to the desired state and
measurements can be taken.
Power-up State
The default state is minimum attenuation (0dB) when supply voltage is applied to the attenuator. If a different
attenuation state is desired during power up, this can be accomplished by applying signals according to the
Parallel Interface Attenuation Truth Table. The attenuator will power up to the state applied to the parallel
bus during turn on.
Control Bit Truth Table (Major States)
D5
(C8)
D4
(C4)
D3
(C2)
D2
(C1)
Attenuation State
H
H
H
H
0 dB *
H
H
H
L
1 dB
H
H
L
H
2 dB
H
L
H
H
4 dB
L
H
H
H
8 dB
L
L
L
L
15 dB
*0 dB Reference State with the Insertion Loss as specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com