Electronic Components Datasheet Search
  English  ▼

X  

RFSA3413 Datasheet(PDF) 12 Page - Qorvo, Inc

Part # RFSA3413
Description  5 MHz to 6000 MHz Digial Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA3413 Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button RFSA3413 Datasheet HTML 6Page - Qorvo, Inc RFSA3413 Datasheet HTML 7Page - Qorvo, Inc RFSA3413 Datasheet HTML 8Page - Qorvo, Inc RFSA3413 Datasheet HTML 9Page - Qorvo, Inc RFSA3413 Datasheet HTML 10Page - Qorvo, Inc RFSA3413 Datasheet HTML 11Page - Qorvo, Inc RFSA3413 Datasheet HTML 12Page - Qorvo, Inc RFSA3413 Datasheet HTML 13Page - Qorvo, Inc RFSA3413 Datasheet HTML 14Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
RFSA3413
5 MHz to 6000 MHz Digital Step Attenuator
Datasheet March 5, 2019 | Subject to change without notice
12 of 14
www.qorvo.com
®
Tape and Reel Information
– Carrier and Cover Tape Dimensions
Feature
Measure
Symbol
Size (in)
Size (mm)
Cavity
Length
A0
0.132
3.35
Width
B0
0.132
3.35
Depth
K0
0.051
1.30
Pitch
P1
0.315
4.00
Centerline Distance
Cavity to Perforation - Length Direction
P2
0.079
2.00
Cavity to Perforation - Width Direction
F
0.138
3.50
Cover Tape
Width
C
0.362
5.40
Carrier Tape
Width
W
0.315
8.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com