Electronic Components Datasheet Search
  English  ▼

X  

0916613 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0916613
Description  Thermomagnetic circuit breakers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0916613 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0916613 Datasheet HTML 1Page - PHOENIX CONTACT 0916613 Datasheet HTML 2Page - PHOENIX CONTACT 0916613 Datasheet HTML 3Page - PHOENIX CONTACT 0916613 Datasheet HTML 4Page - PHOENIX CONTACT 0916613 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UT 6-TMC M...
103943_en_04
PHOENIX CONTACT
3
3.1
Tripping characteristics
Figure 1
AC and DC tripping characteristics
Backup fuse
Nominal current
UT 6-TMC M
Maximum backup fuse
The following maximum backup fuse values are recommended according to
characteristic gG (VDE 0636, IEC 269)
0.5 A
16 A
1 A
16 A
2 A
16 A
4 A
16 A
5 A
20 A
6 A
20 A
8 A
25 A
10 A
25 A
12 A
25 A
15 A
25 A
16 A
25 A
NOTE: If in the application the maximum short-circuit switching capacity (I
cn) could be exceeded in the event of an error, a backup fuse
must be used in combination with the circuit breaker.
Tripping characteristics
Type of actuation
Manual ON/OFF (S type)
Tripping method
Thermomagnetic (TM)
Tripping type
Trip-free mechanism
Specified non-tripping current (no tripping within an hour)
1.05 x I
n
Specified tripping current (tripping within an hour)
1.32 x I
n
Instantaneous non-tripping current
6 x I
n (AC)
Instantaneous tripping current
12 x I
n (AC)
NOTE: The magnetic tripping ranges differ for alternating currents (AC) and direct currents (DC). Please observe the tripping characteristics
shown in Figure 1.
The magnetic operating currents for direct currents (DC) are approximately 1.6 times higher.
Multiples of I
N
Multiples of I
N
10000
1000
100
10
1
0.1
0.01
0.001
1
220
34
40
660
8 10
100
< 7.0A
> 7.0A
10000
1000
100
10
1
0.1
0.01
0.001
1
220
34
40
660
8 10
100
< 7.0A
> 7.0A
AC tripping characteristics
DC tripping characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com