Electronic Components Datasheet Search
  English  ▼

X  

0916613 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0916613
Description  Thermomagnetic circuit breakers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0916613 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0916613 Datasheet HTML 1Page - PHOENIX CONTACT 0916613 Datasheet HTML 2Page - PHOENIX CONTACT 0916613 Datasheet HTML 3Page - PHOENIX CONTACT 0916613 Datasheet HTML 4Page - PHOENIX CONTACT 0916613 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© PHOENIX CONTACT 2010-08-18
103943_en_04
CLIPLINE
UT 6-TMC M...
Data sheet
1Description
The UT 6-TMC M circuit breaker is a single-position
overload circuit breaker with thermomagnetic tripping. It is a
space-saving circuit breaker with trip-free mechanism in the
event of overload and short circuits within the maximum
interrupting rating. The UT 6-TMC M is mounted on an
NS 35 DIN rail.
UT 6-TMC M thermomagnetic circuit breakers feature a
compact design, large labeling areas, and a double plug-in
bridge shaft.
The circuit breakers provide a high level of system
availability thanks to their reclosure function and clear status
display.
Eleven nominal current versions can be selected from 0.5 A
to 16 A. The large center labeling area enables clear
assignment of the relevant circuit breaker.
NOTE: The magnetic tripping ranges differ for alternating currents (AC) and direct currents (DC) (see page 3). The
magnetic operating currents for direct currents (DC) are approximately 1.6 times higher.
NOTE: When mounted in rows with simultaneous load, a mutual thermal effect occurs (see page 4).
Calibration is required for an ambient temperature of +23°C. A correction factor must be used to determine the
nominal current for a lower or higher ambient temperature (see page 5).
Make sure you always use the latest documentation.
It can be downloaded at www.phoenixcontact.net/catalog.
This data sheet is valid for all products listed on the following page:
Thermomagnetic circuit breakers


Similar Part No. - 0916613

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0916613 PHOENIX-0916613 Datasheet
155Kb / 9P
Thermomagnetic device circuit breaker - UT 6-TMC M 16A
09/11/2020
More results

Similar Description - 0916613

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
Magnetic Hydraulic Circuit Breakers
logo
Schurter Inc.
TM12 SCHURTER-TM12 Datasheet
174Kb / 7P
CIRCUIT BREAKERS FOR EQUIPMENT
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
Molded Case Circuit Breakers
logo
Cooper Bussmann, Inc.
UCB-20 COOPER-UCB-20 Datasheet
269Kb / 5P
Automotive Circuit Breakers
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
CIRCUIT BREAKERS FOR EQUIPMENT
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
Circuit Breakers
R59 NTE-R59 Datasheet
494Kb / 1P
Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
Circuit Breakers, Molded Case Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com