Electronic Components Datasheet Search
  English  ▼

X  

3270210 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3270210
Description  Potential distributors - FTRVB 8-FI /BK
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3270210 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3270210 Datasheet HTML 1Page - PHOENIX CONTACT 3270210 Datasheet HTML 2Page - PHOENIX CONTACT 3270210 Datasheet HTML 3Page - PHOENIX CONTACT 3270210 Datasheet HTML 4Page - PHOENIX CONTACT 3270210 Datasheet HTML 5Page - PHOENIX CONTACT 3270210 Datasheet HTML 6Page - PHOENIX CONTACT 3270210 Datasheet HTML 7Page - PHOENIX CONTACT 3270210 Datasheet HTML 8Page - PHOENIX CONTACT 3270210 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Potential distributors, with option to supply up to 6 mm2, without push button, nom. voltage: 250
V, nominal current: 17.5 A, connection method: Push-in connection, Rated cross section: 1.5 mm
2
, cross section: 0.14 mm2 - 2.5 mm2, Feed-in stage, Rated cross section: 4 mm2, cross
section: 0.2 mm2 - 6 mm2, mounting: NS 35/7,5, NS 35/15, color: gray, color of connection
elements: black
Your advantages
Bridgeable potential distributor with option to supply up to 6 mm²
•
High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
•
Tool-free wiring in a confined space thanks to compact size
•
Potential distributors - FTRVB 8-FI /BK
3270210
https://www.phoenixcontact.com/us/products/3270210
Jun 15, 2022, 6:49 AM
Page 1 (40)


Similar Part No. - 3270210

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
32702 FESTO-32702 Datasheet
94Kb / 1P
Dual piston rod cylinder
logo
Wixroyd Group Ltd
32702 WIXROYD-32702 Datasheet
341Kb / 2P
non-locking - ALL stainless
32702.W0705 WIXROYD-32702.W0705 Datasheet
341Kb / 2P
non-locking - ALL stainless
32702.W0706 WIXROYD-32702.W0706 Datasheet
341Kb / 2P
non-locking - ALL stainless
32702.W0707 WIXROYD-32702.W0707 Datasheet
341Kb / 2P
non-locking - ALL stainless
More results

Similar Description - 3270210

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1067596 PHOENIX-1067596 Datasheet
1,013Kb / 39P
Potential distributors - PTRVB 8-FI /BN
Jun 2, 2022
3270142 PHOENIX-3270142 Datasheet
932Kb / 37P
Potential distributors - PTRV 8-PV /BK
May 16, 2022
3270158 PHOENIX-3270158 Datasheet
923Kb / 37P
Potential distributors - PTRVB 4-FI /BK
May 16, 2022
3270160 PHOENIX-3270160 Datasheet
1,018Kb / 40P
Potential distributors - PTRVB 8-FI /BK
May 16, 2022
3270207 PHOENIX-3270207 Datasheet
917Kb / 36P
Potential distributors - FTRVB 4-PV /BK
Jun 2, 2022
3270224 PHOENIX-3270224 Datasheet
1,020Kb / 40P
Potential distributors - PTRVB 8-FI /RD
May 16, 2022
3270225 PHOENIX-3270225 Datasheet
1,015Kb / 40P
Potential distributors - PTRVB 8-FI /BU
May 16, 2022
3270208 PHOENIX-3270208 Datasheet
918Kb / 36P
Potential distributors - FTRVB 4-FI /BK
Jun 15, 2022
3270209 PHOENIX-3270209 Datasheet
1,005Kb / 38P
Potential distributors - FTRVB 8-PV /BK
Jun 15, 2022
3270194 PHOENIX-3270194 Datasheet
931Kb / 37P
Potential distributors - FTRV 8-PV /BK
Jun 15, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com