Electronic Components Datasheet Search
  English  ▼

X  

3270210 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3270210
Description  Potential distributors - FTRVB 8-FI /BK
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3270210 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3270210 Datasheet HTML 1Page - PHOENIX CONTACT 3270210 Datasheet HTML 2Page - PHOENIX CONTACT 3270210 Datasheet HTML 3Page - PHOENIX CONTACT 3270210 Datasheet HTML 4Page - PHOENIX CONTACT 3270210 Datasheet HTML 5Page - PHOENIX CONTACT 3270210 Datasheet HTML 6Page - PHOENIX CONTACT 3270210 Datasheet HTML 7Page - PHOENIX CONTACT 3270210 Datasheet HTML 8Page - PHOENIX CONTACT 3270210 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Commercial Data
Item number
3270210
Packing unit
10 pc
Minimum order quantity
1 pc
Product Key
BE6211
Catalog Page
Page 52 (C-1-2019)
GTIN
4055626118710
Weight per Piece (including packing)
46.2 g
Weight per Piece (excluding packing)
46.2 g
Customs tariff number
85369010
Country of origin
PL
Potential distributors - FTRVB 8-FI /BK
3270210
https://www.phoenixcontact.com/us/products/3270210
Jun 15, 2022, 6:49 AM
Page 2 (40)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com