Electronic Components Datasheet Search
  English  ▼

X  

AV8550 Datasheet(PDF) 1 Page - Avic Technology

Part # AV8550
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV8550 Datasheet(HTML) 1 Page - Avic Technology

  AV8550 Datasheet HTML 1Page - Avic Technology AV8550 Datasheet HTML 2Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
@vic
AV8550
Copyright © Avic Electronics Corp.
1
Website: http://www.avictek.com
TO-92 Plastic-Encapsulate Transistors
AV8550 TRANSISTOR( PNP )
FEATURES
Power dissipation
PCM : 1 W(Tamb=25℃)
Collector current
ICM : -1.5 A
Collector-base voltage
V(BR)CBO : -40 V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150℃
ELECTRICAL CHARACTERISTICS(Tamb=25℃ unless otherwise specified
)
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= -100 μA , IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -0.1 mA , IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100 μA, IC=0
-6
V
Collector cut-off current
ICBO
VCB= -40 V , IE=0
-0.1
μ
A
Collector cut-off current
ICEO
VCE= -20 V , IE=0
-0.1
μ
A
Emitter cut-off current
IEBO
VEB= -5 V ,
IC=0
-0.1
Μ
A
HFE(1)
VCE= -1V , IC=-100 mA
85
300
DC current gain
HFE(2)
VCE=-1V , IC=-800 mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=-800 m,IB=-80 mA
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-800mA,IB=-80 mA
-1.2
V
Base-emitter voltage
VBE
IE= -1.5A
-1.6
V
Transition frequency
f T
VCE=-10 V, IC=-50mA
f =30 MHz
190
MHz
CLASSIFICATION OF HFE(1)
Rank
B
C
D
Range
85-160
120-200
160-300
1
2 3
TO—92
1. EMITTER
2. BASE
3.COLLECTOR


Similar Part No. - AV8550

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV8550S AVICTEK-AV8550S Datasheet
184Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - AV8550

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com