Electronic Components Datasheet Search
  English  ▼

X  

AV8550 Datasheet(PDF) 2 Page - Avic Technology

Part # AV8550
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV8550 Datasheet(HTML) 2 Page - Avic Technology

  AV8550 Datasheet HTML 1Page - Avic Technology AV8550 Datasheet HTML 2Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
@vic
AV8550
Copyright © Avic Electronics Corp.
2
Website: http://www.avictek.com
TYPICAL PERFORMANCE CHARACTERISTICS
Fig.1 Static characteristics
0.5
0.4
0.3
0.2
0.1
0
0
0.4
0.8
1.2
2.0
1.6
Collector-Emitter voltage ( V)
103
IB=3.0mA
VCE=1V
Ic,Collector current (mA)
IB=2.5mA
IB=2.0mA
IB=1.5mA
IB=1.0mA
IB=0.5mA
102
101
100
10-1
100
101
102
103
Fig.2 DC current Gain
Fig.5 Current gain-bandwidth product
Fig.6 Collector output Capacitance
Fig.3 Base-Emitter on Voltage
Fig.4 Saturation voltage
Base-Emitter voltage ( V)
102
101
100
10-1
0
Ic=10*IB
0.2
0.4
0.6
0.8
1.0
VCE=1V
Ic,Collector current (mA)
104
103
102
101
10-1
100
101
102
103
F=1MHz
IE=0
VBE(sat)
VCE(sat)
Ic,Collector current (mA)
VCE=10V
103
102
101
100
100
101
102
103
Collector-Base voltage ( V)
103
102
101
100
100
101
102
103



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com