Electronic Components Datasheet Search
  English  ▼

X  

V40DM45C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # V40DM45C
Description  Dual Low-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5.0 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V40DM45C Datasheet(HTML) 4 Page - Vishay Siliconix

  V40DM45C Datasheet HTML 1Page - Vishay Siliconix V40DM45C Datasheet HTML 2Page - Vishay Siliconix V40DM45C Datasheet HTML 3Page - Vishay Siliconix V40DM45C Datasheet HTML 4Page - Vishay Siliconix V40DM45C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
V40DM45C
www.vishay.com
Vishay General Semiconductor
Revision: 18-Mar-2019
4
Document Number: 87587
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Thermal Resistance Junction-to-Ambient vs.
Copper Pad Areas
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
25
30
35
40
45
50
55
123456789
Copper Pad Areas (cm2)
Epoxy printed circuit
board FR4 copper
thickness = 70 μm
S (cm2)
(8.99)
0.059 (1.50) REF.
(8.59)
0.354
0.338
(8.60)
(8.20)
0.339
0.323
(10.20)
(9.80)
0.402
0.386
(12.93)
(12.33)
0.509
0.485
(1.60)
(1.20)
0.063
0.047
(1.21)
(0.81)
0.048
0.032
(0.52)
(0.27)
0.020
0.011
(1.80)
(1.60)
0.071
0.063
(1.74)
(1.34)
0.069
0.053
(0.52)
(0.27)
0.020
0.011
(1.23)
(0.72)
0.052
0.028
(7.00)
(6.60)
0.276
0.260
Mounting Pad Layout
0.420 (10.66) MIN.
(15.33)
(13.33)
0.604
0.525
0.080 (2.03) MIN.
0.120 (3.05) REF.
(2.67)
(2.41)
0.105
0.095
SMPD (TO-263AC)
NOM.
0.194
(4.93)
NOM.
0.200
(5.08)
0 to 0.01
(0 to 0.254)
REF.
0.330
(8.38)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com