Electronic Components Datasheet Search
  English  ▼

X  

AMT13 Datasheet(PDF) 5 Page - CUI INC

Part # AMT13
Description  MODULAR INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT13 Datasheet(HTML) 5 Page - CUI INC

  AMT13_V01 Datasheet HTML 1Page - CUI INC AMT13_V01 Datasheet HTML 2Page - CUI INC AMT13_V01 Datasheet HTML 3Page - CUI INC AMT13_V01 Datasheet HTML 4Page - CUI INC AMT13_V01 Datasheet HTML 5Page - CUI INC AMT13_V01 Datasheet HTML 6Page - CUI INC AMT13_V01 Datasheet HTML 7Page - CUI INC AMT13_V01 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CUI Devices
│ SERIES: AMT13 │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 09/10/2021
│ page 5 of 8
cuidevices.com
AMT132
AMT133
MECHANICAL DRAWING
units: mm
tolerance:
X.XX ±0.01 mm
hole dia: ±0.003 mm
ALIGNMENT TOOL TO
BE REMOVED AFTER
INSTALLATION
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com