Electronic Components Datasheet Search
  English  ▼

X  

AMT13 Datasheet(PDF) 1 Page - CUI INC

Part # AMT13
Description  MODULAR INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT13 Datasheet(HTML) 1 Page - CUI INC

  AMT13_V01 Datasheet HTML 1Page - CUI INC AMT13_V01 Datasheet HTML 2Page - CUI INC AMT13_V01 Datasheet HTML 3Page - CUI INC AMT13_V01 Datasheet HTML 4Page - CUI INC AMT13_V01 Datasheet HTML 5Page - CUI INC AMT13_V01 Datasheet HTML 6Page - CUI INC AMT13_V01 Datasheet HTML 7Page - CUI INC AMT13_V01 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
date 09/10/2021
page 1 of 8
SERIES: AMT13
│ DESCRIPTION: MODULAR INCREMENTAL ENCODER
cuidevices.com
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
VDD
4.5
5
5.5
V
start-up time1
200
ms
current consumption
with unloaded output
16
mA
single ended channels
output high level
output low level
output current (per channel)
rise/fall time
VDD-0.1
8
0.1
15
V
V
mA
ns
differential channels
output high level
output low level
output current (per channel)
rise/fall time
3
7
11
0.1
25
20
V
V
mA
ns
Note:
1. Encoder must be stationary during start-up.
INCREMENTAL CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
channels
CMOS Voltage (S)
Quadrature Line Driver (Q)
A, B, Z
A, A, B, B, Z, Z
waveform
CMOS voltage square wave
phase difference
A leads B for CCW rotation (viewed from front)
quadrature resolutions2
48, 96, 100, 125, 192, 200, 250, 256, 360, 384, 400, 500,
512, 768, 800, 1000, 1024, 1600, 2000, 2048, 2500, 4096
PPR
index3
one pulse per 360 degree rotation
accuracy
0.2
degrees
quadrature duty cycle (at each
resolution)
48, 96, 100, 125, 192, 256, 384
200, 250, 360, 400, 768, 800
500, 1000, 1600
512, 1024 , 2048, 4096
2000
2500
49
48
46
50
44
43
50
50
50
50
50
50
51
52
54
50
56
57
%
%
%
%
%
%
Notes:
2. Resolutions programmed with AMT Viewpoint™ PC software. Default resolution set to 2048 PPR. Listed as pre-quadrature, meaning final number of counts is PPR x 4.
3. Zero position alignment set with AMT One Touch Zero™ module, AMT Viewpoint™ PC software, or serial commands
FEATURES
• patented capacitive ASIC technology
• low power consumption
• incremental resolutions up to 4096 PPR
• resolutions programmable with AMT Viewpoint™ PC software
• differential line driver versions
• digitally set zero position
• compact modular package with locking hub for ease of installation
• radial and axial cable connections
• -40~125°C operating temperature
¯
¯
¯
Additional Resources: Product Page | 3D Model


Similar Part No. - AMT13_V01

ManufacturerPart #DatasheetDescription
logo
CUI Devices
AMT132Q-0048-1000 CUID-AMT132Q-0048-1000 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
logo
Same Sky Devices
AMT132Q-0048-1000-S SAMESKY-AMT132Q-0048-1000-S Datasheet
1Mb / 9P
MODULAR INCREMENTAL ENCODER
09/12/2024
AMT132Q-0048-1000-W SAMESKY-AMT132Q-0048-1000-W Datasheet
1Mb / 9P
MODULAR INCREMENTAL ENCODER
09/12/2024
logo
CUI Devices
AMT132Q-0048-1100 CUID-AMT132Q-0048-1100 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
logo
Same Sky Devices
AMT132Q-0048-1100-S SAMESKY-AMT132Q-0048-1100-S Datasheet
1Mb / 9P
MODULAR INCREMENTAL ENCODER
09/12/2024
More results

Similar Description - AMT13_V01

ManufacturerPart #DatasheetDescription
logo
CUI INC
LME CUI-LME Datasheet
874Kb / 5P
modular incremental encoder
AMT12 CUI-AMT12 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
MODULAR INCREMENTAL ENCODER
11/18/2021
AMT11 CUI-AMT11_V01 Datasheet
733Kb / 9P
MODULAR INCREMENTAL ENCODER
09/10/2021
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
MODULAR INCREMENTAL ENCODER
08/04/2021
AMT12 CUI-AMT12_V01 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
09/10/2021
BME CUI-BME Datasheet
343Kb / 6P
modular incremental encoder
01/2009
logo
CUI Devices
AMT10 CUID-AMT10 Datasheet
869Kb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT11 CUID-AMT11 Datasheet
647Kb / 9P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT13 CUID-AMT13 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com