Electronic Components Datasheet Search
  English  ▼

X  

ADUM5000 Datasheet(PDF) 13 Page - Analog Devices

Part # ADUM5000
Description  2.5 kV, Isolated DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5000 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUM5000 Datasheet HTML 8Page - Analog Devices ADUM5000 Datasheet HTML 9Page - Analog Devices ADUM5000 Datasheet HTML 10Page - Analog Devices ADUM5000 Datasheet HTML 11Page - Analog Devices ADUM5000 Datasheet HTML 12Page - Analog Devices ADUM5000 Datasheet HTML 13Page - Analog Devices ADUM5000 Datasheet HTML 14Page - Analog Devices ADUM5000 Datasheet HTML 15Page - Analog Devices ADUM5000 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADuM5000
Rev. B | Page 13 of 16
INCREASING AVAILABLE POWER
The ADuM5000 device is designed to work in combination with
other compatible isoPower devices. The RCOUT, RCIN, and RCSEL
pins allow the ADuM5000 to provide its PWM signal to another
device through the RCOUT pin acting as a master. It can also
receive a PWM signal from another device through its RCIN pin
and act as a slave to that control signal. The RCSEL pin chooses
whether the part acts as a master or slave device.
When the ADuM5000 is acting as a slave, its power is regulated
by the master device, allowing multiple isoPower parts to be
combined in parallel while sharing the load equally. When the
ADuM5000 is configured as a master or standalone unit, it
generates its own PWM feedback signal to regulate itself and
slave devices.
The ADuM5000 can function as a master, slave, or standalone
device. All devices in the ADuM5xxx and ADuM6xxx family
can function as standalone devices. Some of these devices also
function as master devices or slave devices, but not both (see
Table 14).
Table 15 shows how isoPower devices can provide many
combinations of data channel count and multiples of the
single unit power.
Table 14. Allowed Combinations of isoPower Parts
Part No.
Function
Master
Slave
Standalone
ADuM6000
Yes
Yes
Yes
ADuM620x
No
Yes
Yes
ADuM640x
No
No
Yes
ADuM5000
Yes
Yes
Yes
ADuM520x
No
Yes
Yes
ADuM5400
No
No
Yes
ADuM5401 to
ADuM5404
Yes
No
Yes
Another feature allowed by the RCSEL and RCIN control architecture
is the ability to completely shut down the oscillator in the dc-to-
dc converter. This places the part in a low power standby mode
and reduces the current draw to a fraction of a milliamp.
When the ADuM5000 is placed in slave mode by driving RCSEL
low, the oscillator is controlled by RCIN. If RCIN is held low, the
oscillator is shut down and the part is in low power standby
mode. With no oscillator driving power to the secondary side,
VISO turns off. This mode is useful for applications where an
isolated subsystem may be shut down to conserve power. To
reactivate the power module, drive RCSEL high; the power supply
resumes operation.
Table 15. Configurations for Power and Data Channels
Power Units
Number of Data Channels
0 Channels
2 Channels
4 Channels
1-Unit Power
ADuM6000 or ADuM5000 (standalone)
ADuM620x or ADuM520x (standalone)
ADuM5401, ADuM5402, ADuM5403,
ADuM5404, or ADuM640x (standalone)
2-Unit Power
ADuM6000 or ADuM5000 (master)
ADuM6000 or ADuM5000 (slave)
ADuM6000 or ADuM5000 (master)
ADuM620x or ADuM520x (slave)
ADuM5401, ADuM5402, ADuM5403,
ADuM5404 (master)
ADuM6000 or ADuM5000 (slave)
3-Unit Power
ADuM6000 or ADuM5000 (master)
ADuM6000 or ADuM5000 (master)
ADuM6000 or ADuM5000 (master)
ADuM6000 or ADuM5000 (slave)
ADuM6000 or ADuM5000 (slave)
ADuM620x or ADuM520x (slave)
ADuM6000 or ADuM5000 (slave)
ADuM620x or ADuM520x (slave)
ADuM620x or ADuM520x (slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com