Electronic Components Datasheet Search
  English  ▼

X  

ADUM5000 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM5000
Description  2.5 kV, Isolated DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5000 Datasheet(HTML) 2 Page - Analog Devices

  ADUM5000 Datasheet HTML 1Page - Analog Devices ADUM5000 Datasheet HTML 2Page - Analog Devices ADUM5000 Datasheet HTML 3Page - Analog Devices ADUM5000 Datasheet HTML 4Page - Analog Devices ADUM5000 Datasheet HTML 5Page - Analog Devices ADUM5000 Datasheet HTML 6Page - Analog Devices ADUM5000 Datasheet HTML 7Page - Analog Devices ADUM5000 Datasheet HTML 8Page - Analog Devices ADUM5000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADuM5000
Data Sheet
Rev. B | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—5 V Primary Input Supply/
5 V Secondary Isolated Supply ................................................... 3
Electrical Characteristics—3.3 V Primary Input Supply/
3.3 V Secondary Isolated Supply ................................................ 3
Electrical Characteristics—5 V Primary Input Supply/
3.3 V Secondary Isolated Supply ................................................ 4
Package Characteristics ............................................................... 5
Regulatory Information............................................................... 5
Insulation and Safety-Related Specifications............................ 5
IEC 60747-5-2 (VDE 0884, Part 2):2003-01 Insulation
Characteristics .............................................................................. 6
Recommended Operating Conditions .......................................6
Absolute Maximum Ratings ............................................................7
ESD Caution...................................................................................7
Pin Configuration and Function Descriptions..............................8
Typical Performance Characteristics ..............................................9
Applications Information .............................................................. 11
PCB Layout ................................................................................. 11
Start-Up Behavior....................................................................... 11
EMI Considerations................................................................... 12
Thermal Analysis ....................................................................... 12
Current Limit and Thermal Overload Protection ................. 12
Power Considerations................................................................ 12
Increasing Available Power ....................................................... 13
Insulation Lifetime..................................................................... 14
Outline Dimensions....................................................................... 15
Ordering Guide .......................................................................... 15
REVISION HISTORY
5/12—Rev. A to Rev. B
Created Hyperlink for Safety and Regulatory Approvals
Entry in Features Section................................................................. 1
11/10—Rev. 0 to Rev. A
Changes to Product Title and Features Section............................ 1
Changes to Table 6, Minimum External Air Gap (Clearance)
Parameter, Table 7, and Minimum External Tracking
(Creepage) Parameter, Table 7 ........................................................ 5
Changed DIN V VDE V 0884-10 (VDE V 0884-10 Insulation
Characteristics Section to IEC 60747-5-2 (VDE 0884,
Part 2):2003-1 Insulation Characteristics and Table Summary .... 6
Changes to Table 9............................................................................ 6
Changes to Table 10 and Table 11 ...................................................7
Changes to Pin 10, Pin 16 Description in Table 12;
Changes to Table 13 ..........................................................................8
Changes to Figure 6 Caption and Figure 9 Caption .....................9
Added Figure 12 and Figure 13; Renumbered Sequentially ..... 10
Added Start-Up Behavior Section................................................ 11
Changes to EMI Considerations Section and Current Limit
and Thermal Overload Protection Section................................. 12
Changes to Increasing Available Power Section......................... 12
Changes to Table 14 and Table 15 ................................................ 13
10/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com