Electronic Components Datasheet Search
  English  ▼

X  

4800 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4800
Description  N-Channel Reducded Qg, Fast Switching MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4800 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4800 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4800 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4800 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4800 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4800
1
N-Channel Reducded Qg, Fast Switching MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
30
0.020@ VGS
= 10 V
9
30
0.033 @ VGS = 4.5 V
7
SD
S
D
SD
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
DD
G
S
D
D
S
S
Ordering Information: Si4800
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
"25
V
Continuous Drain Current (TJ = 150_C)a, b
TA = 25_C
ID
9
Continuous Drain Current (TJ = 150_C)a, b
ID
A
Pulsed Drain Current (10
ms Pulse Width)
IDM
40
A
Continuous Source Current (Diode Conduction)a, b
IS
2.3
Maximum Power Dissipationa, b
TA = 25_C
PD
2.5
W
Maximum Power Dissipationa, b
PD
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction to Ambient (MOSFET)a
t
v 10 sec
R
50
_C/W
Maximum Junction-to-Ambient (MOSFET)a
Steady State
RthJA
70
_C/W
Notes
a.
Surface Mounted on FR4 Board.
b.
t
v 10 sec.
Shenzhen Tuofeng Semiconductor Technology Co., Ltd


Similar Part No. - 4800

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4800 WELWYN-4800 Datasheet
132Kb / 2P
Ultra Precision Bulk Metal Film Resistors
logo
TT Electronics.
4800 TTELEC-4800 Datasheet
410Kb / 3P
Ideal resistor for precision instrumentation
logo
VBsemi Electronics Co.,...
4800 VBSEMI-4800 Datasheet
1,013Kb / 9P
N-Channel 20V (D-S) MOSFET
logo
Heyco.
4800 HEYCO-4800 Datasheet
299Kb / 1P
Quick Connect Terminals
logo
Keystone Electronics Co...
4800 KEYSTONE-4800 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
More results

Similar Description - 4800

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9804DY VISHAY-SI9804DY Datasheet
50Kb / 4P
N-Channel Reduced Qg, Fast Switching MOSFET
01-Sep-97
SI7882DP VISHAY-SI7882DP Datasheet
43Kb / 4P
N-Channel Reduced Qg, Fast Switching MOSFET
SI4886DY VISHAY-SI4886DY Datasheet
57Kb / 4P
N-Channel Reduced Qg, Fast Switching MOSFET
21-Feb-00
SI7384DP VISHAY-SI7384DP Datasheet
96Kb / 6P
N-Channel Reduced Qg, Fast Switching MOSFET
03-Mar-08
SI4800BDY-T1-E3 VISHAY-SI4800BDY-T1-E3 Datasheet
252Kb / 9P
N-Channel Reduced Qg, Fast Switching MOSFET
29-Dec-08
SI4800BDY-T1 VISHAY-SI4800BDY-T1 Datasheet
252Kb / 9P
N-Channel Reduced Qg, Fast Switching MOSFET
29-Dec-08
SI4386DY VISHAY-SI4386DY_17 Datasheet
172Kb / 8P
N-Channel Reduced Qg, Fast Switching MOSFET
09-Feb-09
SI7386DP VISHAY-SI7386DP_17 Datasheet
297Kb / 12P
N-Channel Reduced Qg, Fast Switching MOSFET
03-Mar-08
SI7386DP VISHAY-SI7386DP_V01 Datasheet
296Kb / 12P
N-Channel Reduced Qg, Fast Switching MOSFET
03-Mar-08
70856 VISHAY-70856 Datasheet
56Kb / 5P
N-Channel Reducded Qg, Fast Switching MOSFET
26-May-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com