Electronic Components Datasheet Search
  English  ▼

X  

4800 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4800
Description  N-Channel Reducded Qg, Fast Switching MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4800 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4800 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4800 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4800 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4800 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.8
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 9 A
0.0
20
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 7 A
0.033
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 9 A
16
S
Diode Forward Voltagea
VSD
IS = 2.3 A, VGS = 0 V
0.71
1.2
V
Dynamicb
Total Gate Charge
Qg
8.7
13
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 5.0 V, ID = 9 A
2.25
nC
Gate-Drain Charge
Qgd
4.2
Gate Resistance
Rg
0.5
1.5
2.6
W
Turn-On Delay Time
td(on)
11
16
Rise Time
tr
VDD = 15 V, RL = 15 W
8
15
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
22
30
ns
Fall Time
tf
9
15
Source-Drain Reverse Recovery Time
trr
IF = 2.3 A, di/dt = 100 A/ms
50
80
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
4800
Shenzhen Tuofeng Semiconductor Technology Co., Ltd



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com