Electronic Components Datasheet Search
  English  ▼

X  

4953B Datasheet(PDF) 6 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4953B
Description  Dual P-Channel 20-V(D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4953B Datasheet(HTML) 6 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4953B Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Dual 20V P-Channel PowerTrench®
® MOSFET
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
4953B
SOP-8L
www.sztuofeng.com
Feb,2018 V1.0
SOP8 Package Outline Dimensions
SOP8 Suggested Pad Layout
Min
Max
Min
Max
A
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.007
0.010
D
4.800
5.000
0.189
0.197
e
E
5.800
6.200
0.228
0.244
E1
3.800
4.000
0.150
0.157
L
0.400
1.270
0.016
0.050
θ0°
8°
0°
8°
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.050(BSC)
1.270(BSC)
1.350
1.750
0.053
0.069
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com