Electronic Components Datasheet Search
  English  ▼

X  

4953B Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4953B
Description  Dual P-Channel 20-V(D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4953B Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4953B Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–20
V
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V,
VGS = 0 V
–1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = –10 V,
VDS = 0 V
–100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = 10 V,
VDS = 0 V
100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–1
–1.7
–3
V
RDS(on)
Static Drain–Source
On–Resistance
VGS = –2.5 V,
ID = –2.5 A
VGS = –4.5 V,
ID = –3.5 A
88
60
110
70
m
Ω
ID(on)
On–State Drain Current
VGS = –4.5V,
VDS = –4.5 V
–10
A
gFS
Forward Transconductance
VDS = –5 V,
ID = –2 A
5
S
Dynamic Characteristics
Ciss
Input Capacitance
405
pF
Coss
Output Capacitance
75
pF
Crss
Reverse Transfer Capacitance
VDS = –10 V,
V GS = 0 V,
f = 1.0 MHz
55
pF
Switching Characteristics
td(on)
Turn–On Delay Time
11
ns
tr
Turn–On Rise Time
35
ns
td(off)
Turn–Off Delay Time
30
ns
tf
Turn–Off Fall Time
VDD = –10 V,
ID = –1 A,
VGS = –4.5V,
RGEN = 10
Ω
10
ns
Qg
Total Gate Charge
3.3
12
nC
Qgs
Gate–Source Charge
0.7
nC
Qgd
Gate–Drain Charge
VDS = –10 V,
ID = –3 A,
VGS = –2.5V
1.3
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–1.3
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V, IS = –1.3 A
–0.8
–1.2
V
Notes:
1. RθJAis the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJCis guaranteed by design while RθCAis determined by the user's board design.
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
4953B
Dual 20V P-Channel PowerTrench®
® MOSFET
SOP-8L
www.sztuofeng.com
Feb,2018 V1.0
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com