Electronic Components Datasheet Search
  English  ▼

X  

8810 Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 8810
Description  Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

8810 Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  8810 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 8810 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 8810 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 8810 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
10
20
30
012345
VDS(Volts)
Figure 1: On-Regions Characteristi
cs
VGS =1V
VGS =1.5V
VGS =2V
8V
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
VGS(Volts)
Figure 2: Transfer Characteristics
25°C
125°C
VGS=5V
10
20
30
40
50
0
5
10
15
20
ID(A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
VGS =4.5V
VGS =2.5V
VGS =1.8V
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=4.5V
VGS=2.5V
VGS=1.8V
ID=6A
10
20
30
40
50
60
02
468
VGS(Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
ID=6A
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.0
0.2
0.4
0.6
0.8
1.0
VSD(Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
Shenzhen Tuofeng Semiconductor Technology Co., Ltd
8810



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com