Electronic Components Datasheet Search
  English  ▼

X  

IRLML6401 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # IRLML6401
Description  P-Channel 15-V(D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

IRLML6401 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  IRLML6401 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co IRLML6401 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co IRLML6401 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co IRLML6401 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co IRLML6401 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co IRLML6401 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.sztuofeng.com
Feb,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
1
P-Channel 15-V(D-S) MOSFET
General FEATURE
●
TrenchFET Power MOSFET
●
Lead free product is acquired
●
Surface mount package
APPLICATION
●
Load Switch for Portable Devices
●
DC/DC Converter
SOT-23
MARKING
Equivalent Circuit
1F TF w
1.GATE
2.SOURCE
3.DRAIN
*w:week code
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-15
V
Gate-Source Voltage
VGS
±10
Continuous Drain Current
ID
-4.3
Pulsed Drain Current
IDM
-15
A
Continuous Source-Drain Diode Current
IS
-1.4
Maximum Power Dissipation
PD
1
W
Thermal Resistance from Junction to Ambient(t ≤5s)
R θJA
74
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature
Tstg
-55 ~+150
1
2
3
IRLML6401
4
V(BR)DSS
RDS(on)MAX
ID
-15V
-4.3A
0.042Ω@-4.5V
0.055Ω@-2.5V
0.075Ω@-1.8V
IRLML6401


Similar Part No. - IRLML6401

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6401 IRF-IRLML6401 Datasheet
142Kb / 9P
HEXFET Power MOSFET
logo
Guangdong Kexin Industr...
IRLML6401 KEXIN-IRLML6401 Datasheet
2Mb / 6P
P-Channel Enhancement MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML6401 HOTTECH-IRLML6401 Datasheet
465Kb / 4P
Power MOSFET
logo
Foshan Blue Rocket Elec...
IRLML6401 FOSHAN-IRLML6401 Datasheet
593Kb / 5P
P- CHANNEL MOSFET in a SOT-23 Plastic Package
logo
Tiger Electronic Co.,Lt...
IRLML6401 TGS-IRLML6401 Datasheet
2Mb / 6P
P-Channel Enhancement MOSFET
More results

Similar Description - IRLML6401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM90P10-19L VISHAY-SUM90P10-19L Datasheet
229Kb / 3P
P-Channel 100-V (D-S) MOSFET
24-Jul-06
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
P-Channel 12-V (D-S) MOSFET
23-Jun-08
logo
Shenzhen Tuofeng Semico...
TF2323 TUOFENG-TF2323 Datasheet
1Mb / 6P
P-Channel 15-V(D-S) MOSFET
Feb,2018 V1.0
logo
DinTek Semiconductor Co...
DTQ3203 DINTEK-DTQ3203 Datasheet
522Kb / 7P
P-Channel 15 V (D-S) MOSFET
DTQ3205G DINTEK-DTQ3205G Datasheet
495Kb / 7P
P-Channel 15 V (D-S) MOSFET
DTQ6203D DINTEK-DTQ6203D Datasheet
474Kb / 8P
P-Channel 15-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com