Electronic Components Datasheet Search
  English  ▼

X  

TF2319 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF2319
Description  P-Channel 40-V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF2319 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF2319 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF2319 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF2319 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF2319 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF2319 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)ID (A)
- 40
0.082 at VGS = - 10 V
- 3.0
0.130 at VGS = - 4.5 V
- 2.4
Notes:
a. Surface Mounted on FR4 Board.
b. t
≤ 5 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a, b
TA = 25 °C
ID
- 3.0
A
Pulsed Drain Current
IDM
- 12
Maximum Power Dissipationa, b
TA = 25 °C
PD
1.25
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
100
°C/W
Maximum Junction-to-Leada
Steady State
RthJL
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
TF2319
www.sztuofeng.com
Feb,2018 V1.0
1
General FEATURE
●
TrenchFET Power MOSFET
●
Lead free product is acquired
●
Surface mount package
APPLICATION
●
Load Switch for Portable Devices
●
DC/DC Converter
SOT-23
MARKING
Equivalent Circuit
w
1.GATE
2.SOURCE
3.DRAIN
*w:week code
1
2
3
C92TF
P-Channel 40-V(D-S) MOSFET
TF2319
75
Steady State
120
160
40
50


Similar Part No. - TF2319

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TF2310 TUOFENG-TF2310 Datasheet
3Mb / 6P
N-Channel 60-V(D-S) MOSFET
Feb,2018V1.0
TF2312 TUOFENG-TF2312 Datasheet
1Mb / 5P
N-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
TF2314 TUOFENG-TF2314 Datasheet
1Mb / 5P
N-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
TF2317 TUOFENG-TF2317 Datasheet
2Mb / 6P
P-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
More results

Similar Description - TF2319

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
P-Channel 40-V (D-S) MOSFET
21-Jan-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
P-Channel 40-V (D-S) MOSFET
02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
P-Channel 40 V (D-S) MOSFET
31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
P-Channel 40-V (D-S) MOSFET
21-Apr-08
logo
VBsemi Electronics Co.,...
SPP9527WS8RGB VBSEMI-SPP9527WS8RGB Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
SSG4841P VBSEMI-SSG4841P Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
SSM9563GM VBSEMI-SSM9563GM Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com