Electronic Components Datasheet Search
  English  ▼

X  

PA79 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA79
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA79 Datasheet(HTML) 4 Page - Cirrus Logic

  PA79 Datasheet HTML 1Page - Cirrus Logic PA79 Datasheet HTML 2Page - Cirrus Logic PA79 Datasheet HTML 3Page - Cirrus Logic PA79 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
PRELIMINARY
POWER SUPPLY BYPASSING
Bypass capacitors to power supply terminals +Vs and –Vs
must be connected physically close to the pins to prevent lo-
cal parasitic oscillation in the output stage of the PA79. Use
electrolytic capacitors at least 1μF. Bypass the electrolytic
capacitors with high quality ceramic capacitors (X7R) 0.1μF
or greater.
SUPPLY CURRENT
The PA79 features a class A/B driver stage to drive the output
MOSFETs and an innovative input stage to achieve very high
slew rates. The supply current drawn by the PA79, even with
no load, varies with the slew rate of the output signal.
HEATSINKING
TBD
STABILITY
The PA79 is externally compensated and performance
can be tailored to the application. Use the graphs of small
signal response and power response as a guide. Due to the
innovative design of the PA79, two compensation networks
are required. The values of these components should be the
same to provide symmetric slew rate characteristics. The
compensation capacitor Cc must be rated at 500V working
voltage. NPO capacitors are recommended. The compensa-
tion networks CcRc must be mounted closely to the amplifier
pins x & y and z & w to avoid spurious oscillation.
The PA79 may require an external 33 pF capacitor (mini-
mum breakdown of 350V) between Cc- and –Vs to prevent
oscillations in the falling edge of the output. This capacitor
is provided with the evaluation kit. Please refer to EK60U
datasheet for details.
GENERAL
Please read Application Note 1 “General Operating Consid-
erations” which covers stability, power supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.apexmicrotech.com for design tools
that help automate tasks such as calculations for stability,
internal power dissipation, current limit, heat sink selection,
Apex’s complete Application Notes library, Technical Seminar
Workbook and Evaluation Kits.
SPECIAL CONSIDERATIONS
Itisveryimportanttorealizethatinordertoachieve
highfrequencyperformancetheheatsinktabhastobe
tiedtoastable,lowimpedancereference,i.e.powersup-
plyorGND.AnACconnectionthrougha0.1µFcapacitor
isalsosufficient.InternaltothePA79,theheatsinktab
iselectricallyisolatedtomorethan350V.Thismayhelp
allaysomeelectricalisolationconcernsintyingtheheat
sinktoVsorGND.
CURRENT LIMIT
For proper operation, the current limit resistor, Rlim, must
be connected as shown in the external connections diagram.
For maximum reliability and protection, the resistor should
be set as high as possible. The value of the resistor is calcu-
lated as follows, with Ilim in A; the maximum practical value
is 1500Ω.
Rlim = 0.7 / Ilim
SAFE OPERATING AREA
The MOSFET output stage of the PA79 is not limited by
second breakdown considerations as in bipolar output stages.
However there are still three distinct limitations:
1. Voltage with stand capability of the transistors.
2. Current handling capability of the die metallization.
3. Temperature of the output MOSFETS.
These limitations can be seen in the SOA (see Safe Operat-
ing Area graphs). Note that each pulse capability line shows
a constant power level (unlike second breakdown limitations
where power varies with voltage stress). These lines are
shown for a case temperature of 25°C and correspond to
thermal resistances of TBD°C/W for the PA79DK. Pulse stress
levels for other case temperatures can be calculated in the
same manner as DC power levels at different temperatures.
The output stage is protected against transient fly back by
the parasitic diodes of the output stage MOSFET structure.
However, for protection against sustained high energy fly back
external fast-recovery diodes must be used.
OPERATING
CONSIDERATIONS
PA79
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA79U REV 2 FEBRUARY 2006 © 2006 Apex Microtechnology Corp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com