Electronic Components Datasheet Search
  English  ▼

X  

PA79 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA79
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA79 Datasheet(HTML) 1 Page - Cirrus Logic

  PA79 Datasheet HTML 1Page - Cirrus Logic PA79 Datasheet HTML 2Page - Cirrus Logic PA79 Datasheet HTML 3Page - Cirrus Logic PA79 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
PRELIMINARY
TYPICAL APPLICATION
The typical application diagram shows a bridge connection
of the two amplifiers inside a dual PA79 and provides output
voltage swing twice that of one amplifier. Two possible situ-
ations where there is an advantage would be in applications
with low supply voltages, or applications that operate amplifiers
near their maximum voltage ratings in which a single amplifier
could not provide sufficient drive. The bridge connection also
effectively doubles the slew rate, and non-linearity becomes
symmetrical reducing second harmonic distortion in compari-
son to a single amplifier circuit.
EXTERNAL CONNECTIONS - DK PACKAGE
FEATURES
• A UNIQUE (Patent Pending) TECHNIQUE FOR VERY
LOW QUIESCENT CURRENT < 1 mA
• OVER 350 V/µS SLEW RATE
• WIDE SUPPLY VOLTAGE
• Single Supply: 10V to 350V
• Split Supplies: +/- 10V to +/- 175V
• OUTPUT CURRENT- 150mA cont. ; 200mA Pk
• DUAL AMPLIFIER
• UP TO TBD WATT DISSIPATION CAPABILITY
• OVER 200 kHz POWER BANDWIDTH
APPLICATIONS
• PIEZOELECTRIC POSITIONING AND ACTUATION
• ELECTROSTATIC DEFLECTION
• DEFORMABLE MIRROR ACTUATORS
• CHEMICAL AND BIOLOGICAL STIMULATORS
DESCRIPTION
The PA79 is a dual high voltage, high speed Precision IC
power op amp with performance and unique features not
found previously in any commercially available OpAmp. This
approach provides a cost-effective, high density solution to
applications where multiple amplifiers are required.
Novel input stage design of this amplifier provides extremely
high slew rates in pulse applications while maintaining low
quiescent current of under 1mA. This novel input stage also
has the effect of adding variables to the power response and
slew rate characteristics of the amplifier. To a lesser degree,
there are also input related effects on open loop gain and
phase. It is important to note that slew rate for the PA79 is
independent of supply current. However the slew rate is a
strong function of input voltage amplitude.
The output stages are well protected with user defined
current limit although the Safe Operating Area (SOA) must
be observed for reliable protection. Proper heat sinking is
required for maintaining maximum reliability. External phase
compensation provides the user with great flexibility in trading
gain, stability and bandwidth.
M I C R O T E C H N O L O G Y
PA79
20-PIN PSOP
PACKAGE STYLE DK
NOTES:
1. The package heat slug needs to be connected to a stable reference such as gnd
for high slew rates. Please refer to special considerations section for details.
2. Supply bypassing required for –Vs and +Vs.
3. For Cc and Rc values refer to power supply biasing section.
4. Dimple and ESD triangle denotes pin 1.


Similar Part No. - PA79

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
316Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA79 CIRRUS-PA79 Datasheet
430Kb / 10P
Power Operational Amplifier
PA79 APEX-PA79_07 Datasheet
316Kb / 5P
POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - PA79

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com