Electronic Components Datasheet Search
  English  ▼

X  

PA93 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA93
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA93 Datasheet(HTML) 4 Page - Cirrus Logic

  PA93 Datasheet HTML 1Page - Cirrus Logic PA93 Datasheet HTML 2Page - Cirrus Logic PA93 Datasheet HTML 3Page - Cirrus Logic PA93 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
OPERATING
CONSIDERATIONS
PA93
��������������������������������
����������
��
��
�� ��
���
��� ���
���
��
���
���
��
��
��
��
��
�
�
�
�
�
�
��
��
�����
�
�������
�����
�� ��
�����
�����
�������
�����
�
������
���
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.apexmicrotech.com for design tools
that help automate tasks such as calculations for stability,
internal power dissipation, current limit; heat sink selection;
Apex’s complete Application Notes library; Technical Seminar
Workbook; and Evaluation Kits.
CURRENT LIMIT
For proper operation, the current limit resistor (R
CL) must be
connected as shown in the external connection diagram. For
optimum reliability the resistor value should be set as high as
possible. The value is calculated as follows; with the maximum
practical value of 16 ohms.
.65
R
CL =
I
LIM
SAFE OPERATING AREA (SOA)
The MOSFET output stage of this power operational ampli-
fier has two distinct limitations:
1. The current handling capability of the MOSFET geometry
and the wire bonds.
2. The junction temperature of the output MOSFETs.
NOTE: The output stage is protected against transient flyback.
However, for protection against sustained, high energy flyback,
external fast-recovery diodes should be used.
SAFE OPERATING CURVES
The safe operating area curves define the maximum addi-
tional internal power dissipation the amplifier can tolerate when
it produces the necessary output to drive an external load.
INPUT PROTECTION
Although the PA93 can withstand differential voltages up
to ±20V, additional external protection is recommended. Low
leakage, low capacitance JFETs connected as diodes are
recommended (e.g. 2N4416, Q1-Q4 in Figure 2). The differ-
ential input voltage will be clamped to ±1.4V. This is sufficient
overdrive to produce maximum power bandwidth.
POWER SUPPLY PROTECTION
Unidirectional zener diode transient suppressors are recom-
mended as protection on the supply pins. See Figure 2. The
zeners clamp transients to voltages within the power supply
rating and also clamp power supply reversals to ground.
Whether the zeners are used or not, the system power sup-
ply should be evaluated for transient performance including
power-on overshoot and power-off polarity reversals as well
as line regulation.
Conditions which can cause open circuits or polarity reversals
on either power supply rail should be avoided or protected
against. Reversals or opens on the negative supply rail is
known to induce input stage failure. Unidirectional transzorbs
prevent this, and it is desirable that they be both electrically
and physically as close to the amplifier as possible.
STABILITY
The PA93 is externally compensated and performance can
be tailored to the application. Use the graphs of small signal
response and power response as a guide. The compensation
capacitor C
C must be rated at 500V working voltage. An NPO
capacitor is recommended. The compensation network C
CRC
must be mounted closely to the amplifier pins 4 and 5 to avoid
spurious oscillation.
QUIESCENT CURRENT REDUCTION
When pin 3 (I
Q) is shorted to pin 5 (CC2) the AB biasing of
the output stage is disabled. This lowers quiescent power but
also raises distortion since the output stage is then class C
biased. The output stage bias current is nominally set at 1mA.
Pin 3 may be left open if not used.
���
���
���
��
��
������
����
�
�
�
����
��
��
���
��
��
���������
�����������
����������
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA93U REV G OCTOBER 2004 © 2004 Apex Microtechnology Corp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com