Electronic Components Datasheet Search
  English  ▼

X  

PA93 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA93
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA93 Datasheet(HTML) 1 Page - Cirrus Logic

  PA93 Datasheet HTML 1Page - Cirrus Logic PA93 Datasheet HTML 2Page - Cirrus Logic PA93 Datasheet HTML 3Page - Cirrus Logic PA93 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• HIGH VOLTAGE — 400V (±200V)
• LOW QUIESCENT CURRENT — 10mA
• HIGH OUTPUT CURRENT — 8A
• PROGRAMMABLE CURRENT LIMIT
APPLICATIONS
• PIEZOELECTRIC POSITIONING
• HIGH VOLTAGE INSTRUMENTATION
• ELECTROSTATIC TRANSDUCERS
• PROGRAMMABLE POWER SUPPLIES UP TO 390V
DESCRIPTION
The PA93 is a high voltage, low quiescent current MOSFET
operational amplifier designed as a low cost solution for driving
continuous output currents up to 8A and pulse currents up to
14A. The safe operating area (SOA) has no second breakdown
limitations and can be observed for all type loads by choosing
an appropriate current limiting resistor. The MOSFET output
stage is biased AB for linear operation. External compensation
provides flexibility in choosing bandwidth and slew rate for
the application. APEX’s Power SIP package uses a minimum
of board space allowing for high density circuit boards. The
Power SIP package is electrically isolated.
EQUIVALENT SCHEMATIC
��
��
���
���
��
��
��
���
���
��
��
��
��
��
���
���
���
���
���
��
��
��
��
����
���
���
���
���
���
���
���
���
���
��
����
����
TYPICAL APPLICATION
LOW POWER, PIEZOELECTRIC POSITIONING
Piezo positioning may be applied to the focusing of segment-
ed mirror systems. The composite mirror may be composed of
hundreds of elements, each requiring focusing under computer
control. In such complex systems the PA93 reduces the costs
of power supplies and cooling with its advantages of low cost
and low quiescent power consumption while increasing circuit
density with the SIP package.
PHASE COMPENSATION
GAIN
C
C*
R
C
≥1
220pF
100Ω
≥2
100pF
100Ω
≥4
47pF
0Ω
≥17
10pF
0Ω
*C
C
Never to be <10pF. C
C to be rated for the full supply
voltage +VS to -VS. Use ceramic NPO (COG) type.
EXTERNAL CONNECTIONS
��������������������������������������������������������������
� � � � � � � � � � � � � � �
�����������������������������������������
����
�
�
����
��
�
�
�
�
���
����
�����
�����������
�
��
�
��
���
�
��������
�����
�������
�������
��
�
�
�
�
�
�
�
�
�
�
��
���
���
���
���
���
�������
������������
�����������
��
��
��
��
�
�
���������������������
��
PATENTED
12-PIN SIP
PACKAGE STYLE DP
Formed leads available
See package styles ED & EE


Similar Part No. - PA93

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA93 CIRRUS-PA93 Datasheet
675Kb / 6P
High Voltage Power Operational Amplifiers
PA93-27 CIRRUS-PA93-27 Datasheet
462Kb / 6P
High Voltage Power Operational Amplifiers
PA93/27 CIRRUS-PA93/27 Datasheet
462Kb / 6P
High Voltage Power Operational Amplifiers
PA93 CIRRUS-PA93_10 Datasheet
675Kb / 6P
High Voltage Power Operational Amplifiers
More results

Similar Description - PA93

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com