Electronic Components Datasheet Search
  English  ▼

X  

PA241 Datasheet(PDF) 6 Page - Cirrus Logic

Part # PA241
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA241 Datasheet(HTML) 6 Page - Cirrus Logic

  PA241 Datasheet HTML 1Page - Cirrus Logic PA241 Datasheet HTML 2Page - Cirrus Logic PA241 Datasheet HTML 3Page - Cirrus Logic PA241 Datasheet HTML 4Page - Cirrus Logic PA241 Datasheet HTML 5Page - Cirrus Logic PA241 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
6
PA241
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA241U REV D MARCH 2006 © 2006 Apex Microtechnology Corp.
OPERATING
CONSIDERATIONS
+Vs
-Vs
OUT
+Vs
-Vs
Z1
Z2
-IN
+IN
Q1
Q2
inches is recommended. This may be adequate heatsinking
but the large number of variables involved suggest temperature
measurements be made on the top of the package. Do not
allow the temperature to exceed 85°C.
FIGURE 1
OVERVOLTAGE PROTECTION
Although the PA241 can withstand differential input voltages
up to 16V, in some applications additional external protection
may be needed. Differential inputs exceeding 16V will be
clipped by the protection circuitry. However, if more than a few
milliamps of current is available from the overload source, the
protection circuitry could be destroyed. For differential sources
above 16V, adding series resistance limiting input current to
1mA will prevent damage. Alternatively, 1N4148 signal diodes
connected anti-parallel across the input pins is usually sufficient.
In more demanding applications where bias current is impor-
tant, diode connected JFETs such as 2N4416 will be required.
See Q1 and Q2 in Figure 1. In either case the differential input
voltage will be clamped to 0.7V. This is sufficient overdrive to
produce the maximum power bandwidth.
In the case of inverting circuits where the +IN pin is grounded,
the diodes mentioned above will also afford protection from
excessive common mode voltage. In the case of non-invert-
ing circuits, clamp diodes from each input to each supply will
provide protection. Note that these diodes will have substantial
reverse bias voltage under normal operation and diode leak-
age will produce errors.
Some applications will also need over-voltage protection
devices connected to the power supply rails. Unidirectional
zener diode transient suppressors are recommended. The
zeners clamp transients to voltages within the power supply
rating and also clamp power supply reversals to ground.
Whether the zeners are used or not the system power supply
should be evaluated for transient performance including power-
on overshoot and power-off polarity reversals as well as line
regulation. See Z1 and Z2 in Figure 1.
APPLICATION REFERENCES:
For additional technical information please refer to the fol-
lowing Application Notes:
AN1: General Operating Considerations
AN3: Bridge Circuit Drives
AN25: Driving Capacitive Loads
AN38: Loop Stability with Reactive Loads



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com