Electronic Components Datasheet Search
  English  ▼

X  

PA241 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA241
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA241 Datasheet(HTML) 1 Page - Cirrus Logic

  PA241 Datasheet HTML 1Page - Cirrus Logic PA241 Datasheet HTML 2Page - Cirrus Logic PA241 Datasheet HTML 3Page - Cirrus Logic PA241 Datasheet HTML 4Page - Cirrus Logic PA241 Datasheet HTML 5Page - Cirrus Logic PA241 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• RoHS COMPLIANT
• MONOLITHIC MOS TECHNOLOGY
• LOW COST
• HIGH VOLTAGE OPERATION—350V
• LOW QUIESCENT CURRENT TYP.—2.2mA
• NO SECOND BREAKDOWN
• HIGH OUTPUT CURRENT—120mA PEAK
• AVAILABLE IN DIE FORM—CPA241
APPLICATIONS
• PIEZO ELECTRIC POSITIONING
• ELECTROSTATIC TRANSDUCER & DEFLECTION
• DEFORMABLE MIRROR FOCUSING
• BIOCHEMISTRY STIMULATORS
• COMPUTER TO VACUUM TUBE INTERFACE
DESCRIPTION
The PA241 is a high voltage monolithic MOSFET operational
amplifier which achieves performance features previously
found only in hybrid designs while increasing reliability. Inputs
are protected from excessive common mode and differential
mode voltages. The safe operating area (SOA) has no second
breakdown limitation and can be observed with all type loads
by choosing an appropriate current limiting resistor. External
compensation provides the user flexibility in choosing optimum
gain and bandwidth for the application.
The PA241CE is packaged in a hermetically sealed 8-pin
TO-3 package. The metal case of the PA241CE is isolated in
excess of full supply voltage.
The PA241DF is packaged in a 24 pin PSOP (JEDEC MO-
166) package. The metal heat slug of the PA241DF is isolated
in excess of full supply voltage.
The PA241DW is packaged in Apex’s hermetic ceramic SIP
package. The alumina ceramic isolates the die in excess of
full supply voltage.
EQUIVALENT SCHEMATIC
LOW COST 660V p-p
PIEZO DRIVE
Two PA241 amplifiers operated as a bridge driver for a piezo
transducer provides a low cost 660 volt total drive capability.
The R
N CN network serves to raise the apparent gain of A2 at
high frequencies. If R
N is set equal to R the amplifiers can be
compensated identically and will have matching bandwidths.
EXTERNAL CONNECTIONS
RCL
1
4
5
6
7
3
2
8
9 10
CC
+IN
-IN
NC NC -VS +VS
ILIM CC2 CC1 OUT
PA241DW
RCL
TOP VIEW
1
2
3
4
5
6
7
8
OUT
ILIM
–VS
+VS
CC1
–IN
+IN
CC2
CC
NOTE: PA241CE Recommended mounting torque is 4-7
in•lbs (.45 -.79 N•m)
CAUTION: The use of compressible, thermally conductive
insulators may void warranty.
PA241CE
8-PIN TO-3
24-PIN PSOP
10-PIN SIP
PACKAGE STYLE CE
PACKAGE STYLE DF
PACKAGE STYLE DW
ILIM
OUT
-IN
+IN
+VS
-VS
CC2
CC1
TYPICAL APPLICATION
Ref: APPLICATION NOTE 20: "Bridge Mode Operation of Power Amplifiers"
C
C
R
CL
NC
NC
NC
NC
-IN
NC
+IN
NC
NC
NC
NC
-VS
NC
NC
NC
OUT
NC
COMP
NC
COMP
NC
ILIM
NC
+VS
24
1
PA241DF
For CC values, see graph on page 4.
Note: CC must be rated for full supply
voltage.


Similar Part No. - PA241

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA241 ETC1-PA241 Datasheet
389Kb / 6P
High Voltage Power Operational Amplifiers
logo
Cirrus Logic
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
High Voltage Power Operational Amplifier
PA241 CIRRUS-PA241 Datasheet
754Kb / 7P
High Voltage Power Operational Amplifier
logo
Pulse A Technitrol Comp...
PA2417NL PULSE-PA2417NL Datasheet
2Mb / 14P
High Frequency Wire Wound Transformers
PA2417NL PULSE-PA2417NL Datasheet
2Mb / 10P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
12/17
More results

Similar Description - PA241

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com