Electronic Components Datasheet Search
  English  ▼

X  

QLSP19WNH Datasheet(PDF) 5 Page - Quelighting Corp

Part # QLSP19WNH
Description  These 0.5W LEDs are equipped with heat sink to enhance operating performance.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP19WNH Datasheet(HTML) 5 Page - Quelighting Corp

  QLSP19WNH Datasheet HTML 1Page - Quelighting Corp QLSP19WNH Datasheet HTML 2Page - Quelighting Corp QLSP19WNH Datasheet HTML 3Page - Quelighting Corp QLSP19WNH Datasheet HTML 4Page - Quelighting Corp QLSP19WNH Datasheet HTML 5Page - Quelighting Corp QLSP19WNH Datasheet HTML 6Page - Quelighting Corp QLSP19WNH Datasheet HTML 7Page - Quelighting Corp QLSP19WNH Datasheet HTML 8Page - Quelighting Corp QLSP19WNH Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
4
QLSP19WXH-314 V1.0
◼ Performance at Commonly Used Drive Currents
Product
Color
Drive
Current1
(mA)
Typical Vf
Tsp = 25°C
(V)
Typical
Power
Tsp = 25°C
(W)
Typical Pulsed
Flux2
Tsp = 25°C
(lm)
Typical DC
Flux3
Tsp = 85°C
(lm)
Typical Efficacy
Tsp = 25°C
(lm/W)
QLSP19WW1H
2700K
30
2.64
0.1
15.8
15
199
42
2.66
0.1
21.4
18
192
60
2.69
0.2
30.6
26
189
90
2.76
0.2
45.6
38
183
120
2.81
0.3
59.4
50
176
150
2.85
0.4
73.0
67
171
QLSP19WW2H
3000K
30
2.64
0.1
15.8
15
199
42
2.66
0.1
22.0
19
197
60
2.69
0.2
31.3
28
194
90
2.76
0.2
47.1
40
189
120
2.81
0.3
62.7
52
186
150
2.85
0.4
77.0
70
180
QLSP19WNH
4000K
30
2.64
0.1
17.5
16
221
42
2.66
0.1
23.8
20
213
60
2.69
0.2
33.9
29
210
90
2.76
0.2
50.6
43
203
120
2.81
0.3
66
55
196
150
2.85
0.4
81
74
189
QLSP19WPH
5000K
30
2.64
0.1
17.5
16
221
42
2.66
0.1
23.8
20
213
60
2.69
0.2
33.9
29
210
90
2.76
0.2
50.6
43
203
120
2.81
0.3
66
55
196
150
2.85
0.4
81
74
189
QLSP19WC1H
5700K
30
2.64
0.1
17.5
16
221
42
2.66
0.1
23.8
20
213
60
2.69
0.2
33.9
29
210
90
2.76
0.2
50.6
43
203
120
2.81
0.3
66
55
196
150
2.85
0.4
81
74
189
QLSP19WC2H
6500K
30
2.64
0.1
17.5
16
221
42
2.66
0.1
23.8
20
213
60
2.69
0.2
33.9
29
210
90
2.76
0.2
50.6
43
203
120
2.81
0.3
66
55
196
150
2.85
0.4
81
74
189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com