Electronic Components Datasheet Search
  English  ▼

X  

QLSP19WNH Datasheet(PDF) 8 Page - Quelighting Corp

Part # QLSP19WNH
Description  These 0.5W LEDs are equipped with heat sink to enhance operating performance.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP19WNH Datasheet(HTML) 8 Page - Quelighting Corp

Back Button QLSP19WNH Datasheet HTML 4Page - Quelighting Corp QLSP19WNH Datasheet HTML 5Page - Quelighting Corp QLSP19WNH Datasheet HTML 6Page - Quelighting Corp QLSP19WNH Datasheet HTML 7Page - Quelighting Corp QLSP19WNH Datasheet HTML 8Page - Quelighting Corp QLSP19WNH Datasheet HTML 9Page - Quelighting Corp QLSP19WNH Datasheet HTML 10Page - Quelighting Corp QLSP19WNH Datasheet HTML 11Page - Quelighting Corp QLSP19WNH Datasheet HTML 12Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
7
QLSP19WXH-314 V1.0
◼
Luminous Flux Bin:
lm rank (lm) @ 150mA
Code name
Low
High
Unit
QS
60
65
lm
QT
65
70
QU
70
75
QV
75
80
QW
80
85
The luminous flux tolerance is ± 10%
◼
Forward Voltage (VF) Bin:
VF rank @ 150mA
Code name
Low
High
Unit
Y
2.7
2.8
V
Z
2.8
2.9
1
2.9
3
2
3
3.1
The forward voltage tolerance is
± 0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com