Electronic Components Datasheet Search
  English  ▼

X  

SA50 Datasheet(PDF) 4 Page - Cirrus Logic

Part # SA50
Description  H-BRIDGE MOTOR DRIVER/AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA50 Datasheet(HTML) 4 Page - Cirrus Logic

  SA50 Datasheet HTML 1Page - Cirrus Logic SA50 Datasheet HTML 2Page - Cirrus Logic SA50 Datasheet HTML 3Page - Cirrus Logic SA50 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
OPERATING
CONSIDERATIONS
SA50
GENERAL
Please read Application Note 30 on "PWM Basics". Refer
to Application Note 1 "General Operating Considerations" for
helpful information regarding power supplies, heat sinking
and mounting. Visit www.apexmicrotech.com for design tools
that help automate pwm filter design and heat sink selection.
The "Application Notes" and "Technical Seminar" sections
contain a wealth of information on specific types of applica-
tions. Information on package outlines, heat sinks, mounting
hardware and other accessories are located in the "Packages
and Accessories" section. Evaluation Kits are available for most
Apex product models, consult the "Evaluation Kit" section for
details. For the most current version of all Apex product data
sheets, visit www.apexmicrotech.com.
PIN DESCRIPTION
VCC - is the low voltage supply for powering internal logic and
drivers for the lowside and highside MOSFETS. The supplies
for the highside drivers are derived from this voltage.
V
S - is the higher voltage H-bridge supply. The MOSFETS
obtain the output current from this supply pin. The voltage on
this pin is limited to +80V by the drive IC. The MOSFETS are
rated at 100 volts. Proper by-passing to GND with sufficient
capacitance to suppress any voltage transients, and to ensure
removing any drooping during switching, should be done as
close to the pins on the hybrid as possible.
A OUT - is the output pin for one half of the bridge. Increasing
the input voltage causes increasing duty cycle at this output.
B OUT - is the output pin for the other half of the bridge.
Decreasing the input voltage causes increasing duty cycles
at this point.
RSENSE A - This is the connection for the bottom of the A
half bridge. This can have a sense resistor connected to the
V
S return ground for current limit sensing, or can be connected
directly to ground. The maximum voltage on this pin is ±2 volts
with respect to GND.
GND - is the return connection for the input logic and Vcc.
RESENSE B - This is the connection for the bottom of the
B half bridge. This can have a sense resistor connection to
the V
S return ground for current limit sensing, or can be con-
nected directly to ground. The maximum voltage on this pin
is ±2 volts with respect to GND.
INPUT - is an analog input for controlling the PWM pulse
width of the bridge. A voltage higher than Vcc/2 will produce
greater than 50% duty cycle pulses out of A OUT. A voltage
lower than Vcc/2 will produce greater than 50% duty cycle
pulses out of B OUT.
TYPICAL SYSTEM OPERATION
This is a diagram of a typical application of the SA50. The
design Vcc voltage is +12 volts and should have a good low
ESR bypass capacitor such as a tantalum electrolytic. The
analog input can be an analog speed control voltage from a
potentiometer, other analog circuitry or by microprocessor and
a D/A converter. This analog input gets pulled by the current
control circuitry in the proper direction to reduce the current
flow in the bridge if it gets too high. The gain of the current
control amplifier will have to be set to obtain the proper amount
of current limiting required by the system.
Current sensing is done in this case by a 0.1Ω sense resistor
to sense the current from both legs of the bridge separately. It
is important to make the high current traces as big as possible
to keep inductance down. The storage capacitor connected to
the V
S and the hybrid GND should be large enough to provide
the high energy pulse without the voltage sagging too far. A
low ESR capacitor will be required. Mount capacitor as close
to the hybrid as possible. The connection between GND and
the V
S return should not be carrying any motor current. The
sense resistor signal is common mode filtered as necessary
to feed the limiting circuitry. This application will allow full four
quadrant torque control for a closed loop servo system.
A snubber network is usually required, due to the inductance
in the power loop. It is important to design the snubber network
to suppress any positive spikes above +V
S and negative spikes
below –2V with respect to pin 7 (GND).
����
����
���
���
���
���������������
��������
��������
�����
���������
����
������
����
����
��
���������������
�����
����
����
�����
���
���
�
�
���
���
��
����
����
�������
�������
�������
���������������
������
�����
���������
���������
�������
�������
�
�
�
�
�������
�����
�
�
�
�
�����
����
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
SA50U REV. F JUNE 2002 © 2002 Apex Microtechnology Corp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com