Electronic Components Datasheet Search
  English  ▼

X  

SA50 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA50
Description  H-BRIDGE MOTOR DRIVER/AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA50 Datasheet(HTML) 1 Page - Cirrus Logic

  SA50 Datasheet HTML 1Page - Cirrus Logic SA50 Datasheet HTML 2Page - Cirrus Logic SA50 Datasheet HTML 3Page - Cirrus Logic SA50 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• LOW COST COMPLETE H-BRIDGE
• SELF-CONTAINED SMART LOWSIDE/HIGHSIDE DRIVE
CIRCUITRY
• SINGLE SUPPLY OPERATION
• WIDE SUPPLY RANGE: UP TO 80V
• 5A CONTINUOUS OUTPUT
• HERMETIC SEALED PACKAGE
• HIGH EFFICIENCY: 95%
• FOUR QUADRANT OPERATION, TORQUE
CONTROL CAPABILITY
• INTERNAL PWM GENERATION
APPLICATIONS
• BRUSH TYPE MOTOR CONTROL
• CLASS D SWITCHMODE AMPLIFIER
• REACTIVE LOADS
• MAGNETIC COILS (MRI)
• ACTIVE MAGNETIC BEARING
• VIBRATION CANCELLING
DESCRIPTION
The SA50 is a pulse width modulation amplifier that can sup-
ply 5A continuous current to the load. The full bridge amplifier
can be operated over a wide range of supply voltages. All of
the drive/control circuitry for the lowside and highside switches
are internal to the hybrid. The PWM circuitry is internal as well,
leaving the user to only provide an analog signal for the motor
speed/direction, or audio signal for switchmode audio amplifica-
tion. The SA50 is packaged in a space efficient isolated 8-pin
TO-3 that can be directly connected to a heatsink.
BLOCK DIAGRAM
TYPICAL APPLICATION
EXTERNAL CONNECTIONS
���
������
���������
��������
�����
���������
�����
���
���������
��������
���
�����
���
������
��������
�
�
���
�����
�����
���
���
�������
���
����
����
��������
������
�����
���
���
��������
�
�
�
�
�
�
�
�
���
���
��������
�����
�����
��������
�����
���
��������������������������������������������������������������
� � � � � � � � � � � � � � �
��������������������������������
����
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - SA50

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Fairchild Semiconductor
SA50 FAIRCHILD-SA50 Datasheet
56Kb / 5P
DEVICES FOR BIPOLAR APPLICATIONS
logo
Bytes
SA50 BYTES-SA50 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA50 DCCOM-SA50 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA50

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA60 APEX-SA60 Datasheet
209Kb / 4P
H-BRIDGE MOTOR DRIVER/AMPLIFIERS
logo
ATMEL Corporation
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
H-bridge Motor Driver
logo
Cirrus Logic
SA50CE CIRRUS-SA50CE Datasheet
191Kb / 5P
H-Bridge Motor Driver/Amplifiers
SA60 CIRRUS-SA60_09 Datasheet
183Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60_10 Datasheet
605Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
H-Bridge Motor Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com