Electronic Components Datasheet Search
  English  ▼

X  

4611 Datasheet(PDF) 6 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4611
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4611 Datasheet(HTML) 6 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4611 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4611 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4611 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4611 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4611 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4611 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 4611 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co 4611 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS: P-CHANNEL
0
5
10
15
20
25
0
1
2
3
4
5
-VDS (Volts)
Fig 1: On-Region Characteristics
VGS=-2.5V
-6V
-3.5V
-4V
-10V
-3V
0
5
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
-VGS(Volts)
Figure 2: Transfer Characteristics
30
35
40
45
50
0
5
10
15
20
-ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
-VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
2
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=-10V
VGS=-4.5V
20
30
40
50
60
70
80
90
100
2
3
4
5
6
7
8
9
10
-VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=-5V
VGS=-4.5V
VGS=-10V
ID=-4.9A
25°C
125°C
ID=-4.9A
ID=-4.4A
Page
v1.0
6
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
4611
www.sztuofeng.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com