Electronic Components Datasheet Search
  English  ▼

X  

TF207N Datasheet(PDF) 4 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF207N
Description  N-Channel 20-V(D-S)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF207N Datasheet(HTML) 4 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF207N Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF207N Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF207N Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF207N Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF207N Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.sztuofeng.com
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
4
SOT-23-3L Plastic-Encapsulate MOSFETS
TF207N
Sep 2019 V1.0
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
1
2
3
4
5
02
46
8
10
Qg (nC)
Figure 7: Gate-Charge Characteristics
VDS=4.5V
ID=6A
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
VDS(Volts)
Figure 8: Capacitance Characteristics
Ciss
Crss
Coss
0
10
20
30
40
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
TJ(Max)=150°C
TA=25°C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Ton
T
PD
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=83°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0.1
1
10
100
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
10µs
100µs
10ms
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C, TA=25°C
100m
1s
10s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com