Electronic Components Datasheet Search
  English  ▼

X  

TF7409B Datasheet(PDF) 6 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF7409B
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF7409B Datasheet(HTML) 6 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF7409B Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF7409B Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF7409B Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF7409B Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF7409B Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF7409B Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Package Information
PDFN3333
0.4
0.65
2.80
( Only for Reference )
Land Pattern
L1
e
M
C
A
E1
E
θ
b
E2
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
A
0.70
0.75
0.80
0.028
0.030
0.031
E1
3.00
3.15
3.20
0.118
0.122
0.126
b
0.25
0.30
0.35
0.010
0.012
0.014
E2
2.39
2.49
2.59
0.094
0.098
0.102
c
0.10
0.15
0.25
0.004
0.007
0.010
e
D
3.25
3.35
3.45
0.128
0.132
0.136
H
0.30
0.40
0.50
0.012
0.016
0.020
D1
3.00
3.10
3.20
0.118
0.122
0.126
L
0.30
0.40
0.50
0.012
0.016
0.020
D2
1.78
1.88
1.98
0.070
0.074
0.078
L1
*
0.13
*
*
0.005
*
D3
*
0.13
*
*
0.005
*
θ
*
10°
12°
*
10°
12°
E
3.20
3.30
3.40
0.126
0.130
0.134
M
*
*
0.15
*
*
0.006
SYMBOL
MM
INCH
0.65BSC
0.026BSC
SYMBOL
MM
INCH
Page
V 1. 0
www.sztuofeng.com
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
PDFN 3x3 Plastic-Encapsulate MOSFETS
TF7409B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com