Electronic Components Datasheet Search
  English  ▼

X  

TF7409B Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF7409B
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF7409B Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF7409B Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF7409B Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF7409B Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF7409B Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF7409B Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF7409B Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page
V 1. 0
1
PDFN 3x3 Plastic-Encapsulate MOSFET
S
Description
The TF7409B uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 4.5V.
General Features
●
VDS = -30V,ID = -25A
RDS(ON) < 30mΩ @ VGS=-4.5V
RDS(ON) < 17mΩ @ VGS=-10V
●
High power and current handing capability
●
Lead free product is acquired
●
Surface mount package
Application
●
Battery Switch
●
Load switch
●
Power management
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
TA =25℃
-10
Continuous Drain Current (TJ =150℃)
TA =70℃
ID
-8.0
A
Drain Current-Pulsed
(Note 1)
IDM
-45
A
Maximum Power Dissipation
PD
3.1
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
40
/W
℃
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
www.sztuofeng.com
1
2
3
4
8
7
6
5
Equivalent Cir cuit
MARKING
Y :year code W :week code
PDFN3X3-8L
TF
7409B
CYWP
S
G
D
P-Channel Enhancement Mode Power MOSFET
TF7409B


Similar Part No. - TF7409B

ManufacturerPart #DatasheetDescription
logo
Greenlee Communications
TF70 GREENLEE-TF70 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
Dynex Semiconductor
TF707 DYNEX-TF707 Datasheet
39Kb / 5P
Fast Switching Thyristor
TF70720L DYNEX-TF70720L Datasheet
39Kb / 5P
Fast Switching Thyristor
TF70722L DYNEX-TF70722L Datasheet
39Kb / 5P
Fast Switching Thyristor
TF70724L DYNEX-TF70724L Datasheet
39Kb / 5P
Fast Switching Thyristor
More results

Similar Description - TF7409B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com