Electronic Components Datasheet Search
  English  ▼

X  

LP3941A Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3941A
Description  Cellular Phone Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3941A Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LP3941A Datasheet HTML 15Page - National Semiconductor (TI) LP3941A Datasheet HTML 16Page - National Semiconductor (TI) LP3941A Datasheet HTML 17Page - National Semiconductor (TI) LP3941A Datasheet HTML 18Page - National Semiconductor (TI) LP3941A Datasheet HTML 19Page - National Semiconductor (TI) LP3941A Datasheet HTML 20Page - National Semiconductor (TI) LP3941A Datasheet HTML 21Page - National Semiconductor (TI) LP3941A Datasheet HTML 22Page - National Semiconductor (TI) LP3941A Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LP3941A Serial Port Communication Address Code
7h’7E
Numbers in parentheses indicate default setting: (0) bit is set to low state, and (1) bit is set to high state. R/O –Read Only, All other
bits are Read and Write.
TABLE 1. LP3941 Control and Data Codes
Addr
Register
7
6
5
4
3
2
1
0
8h'00
Enable
LDO7–EN
(0)
LDO6–EN
(0)
LDO5–EN
(1)
LDO4–EN
(0)
LDO3–EN
(1)
LDO2–EN
(0)
LDO1–EN
(1)
LDO8–EN
(0)
8h'01
LDO9/
LDO1 Data
Code
LDO9
Code 3
(1)
LDO9
Code 2
(1)
LDO9
Code 1
(1)
LDO9
Code 0
(1)
LDO1
Code 3
(0)
LDO1
Code 2
(0)
LDO1
Code 1
(1)
LDO1
Code 0
(1)
8h'02
LDO10/
LDO2 Data
Code
LDO10
Code 3
(1)
LDO10
Code 2
(0)
LDO10
Code 1
(1)
LDO10
Code 0
(0)
LDO2
Code 3
(1)
LDO2
Code 2
(1)
LDO2
Code 1
(0)
LDO2
Code 0
(1)
8h'03
LDO8/
LDO3 Data
Code
Not Used
(0)
LDO8
Code 2
(1)
LDO8
Code 1
(0)
LDO8
Code 0
(1)
Not Used
(0)
LDO3
Code 2
(1)
LDO3
Code 1
(0)
LDO3
Code 0
(1)
8h'04
LDO11/
LDO4 Data
Code
LDO11
Code 3
(0)
LDO11
Code 2
(0)
LDO11
Code 1
(0)
LDO11
Code 0
(0)
LDO4
Code 3
(1)
LDO4
Code 2
(1)
LDO4
Code 1
(1)
LDO4
Code 0
(1)
8h'05
LDO5
Data Code
Not Used
(0)
Not Used
(0)
Not Used
(0)
Not Used
(0)
Not Used
(0)
LDO5
Code 2
(0)
LDO5
Code 1
(1)
LDO5
Code 0
(1)
8h'06
LDO6
Data Code
Not Used
(0)
Not Used
(0)
Not Used
(0)
Not Used
(0)
Not Used
(0)
LDO6
Code 2
(0)
LDO6
Code 1
(1)
LDO6
Code 0
(1)
8h'07
LDO7
Data Code
Not Used
(0)
Not Used
(0)
Not Used
(0)
Not Used
(0)
Not Used
(0)
LDO7
Code 2
(1)
LDO7
Code 1
(0)
LDO7
Code 0
(1)
8h'08
Charger
Register –1
Not Used
(0)
Not Used
(0)
Not Used
(0)
4.1V/4.2V
(1)
Charger
Current
Code 3 (0)
Charger
Current
Code 2 (0)
Charger
Current
Code 1 (0)
Charger
Current
Code 0 (1)
8h'09
Charger
Register –2
Not Used
(0)
Not Used
(0)
Not Used
(0)
EOC
R/O
Charging
R/O
EOC Sel-1
(0)
EOC Sel-0
(1)
Charger-
DIS
Off/On
(0)
8h'0a
Control/
Enable
LDO9-EN
(0)
LDO10-EN
(0)
LDO11-EN
(0)
Back-Up
Battery
Charger
Enable
(1)
RTC_LDO
Disable
(0)
LED1
Enable
(0)
LED2
Enable
(0)
LED3
Enable
(0)
8h'0b
ADC
Control
Register
Not Used
(0)
Not Used
(0)
Not Used
(0)
Not Used
(0)
ADC Start
(0)
ADC EN
(0)
ADC
Mux-1
(1)
ADC
Mux-0
(1)
8h'0c
ADC
Output
Register
ADC7
R/O
ADC6
R/O
ADC5
R/O
ADC4
R/O
ADC3
R/O
ADC2
R/O
ADC1
R/O
ADC0
R/O
8h'0d
Power-On-
Reason
Register
R/O
(0)
R/O
(0)
R/O
(0)
R/O
(0)
ON
R/O
RTC
ALARM
R/O
CHG_IN
R/O
HF_PWR
R/O
8h'2e
ADC/
Status
Register
COMP2
OUT
R/O
COMP1
OUT
R/O
ON
R/O
RTC
Alarm
R/O
Charger
Present
R/O
HF_PWR
R/O
ADC
Overflow
R/O
ADC
Data
Ready
R/O
Note 13: Registers h’0c, h’0d, h’2e and h’09 bits 3 and 4 are read only (R/O).
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com