Electronic Components Datasheet Search
  English  ▼

X  

LP3941A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3941A
Description  Cellular Phone Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3941A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3941A Datasheet HTML 1Page - National Semiconductor (TI) LP3941A Datasheet HTML 2Page - National Semiconductor (TI) LP3941A Datasheet HTML 3Page - National Semiconductor (TI) LP3941A Datasheet HTML 4Page - National Semiconductor (TI) LP3941A Datasheet HTML 5Page - National Semiconductor (TI) LP3941A Datasheet HTML 6Page - National Semiconductor (TI) LP3941A Datasheet HTML 7Page - National Semiconductor (TI) LP3941A Datasheet HTML 8Page - National Semiconductor (TI) LP3941A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LP3941A
Cellular Phone Power Management Unit
General Description
LP3941A is a complete power management IC designed for
a cellular phone. It contains 11 low noise low dropout regu-
lators, a linear charger for Li-Ion battery, a backup battery
charger, real time clock supply regulator, three open drain
drivers, two comparators and high speed I
2C compatible
serial interface to program individual regulator output volt-
ages as well as on/off control.
LP3941 is available in a LLP48 package.
Features
n
11 low dropout, low noise LDOs.
n
Dedicated low current LDO for real time clock supply.
n
Back-up battery charger
n
A constant current / constant voltage battery charger
controller with charge status indication via I
2C
compatible interface.
n
Three open drain drivers to control a RGB LED
n
I
2C compatible serial interface for maximum flexibility
Applications
n
GSM/EDGE cellular handsets
n
Wideband CDMA cellular handsets
Key Specifications
n
3.0V to 5.5V Input Voltage Range
n
27 µV
RMS Output noise
n
2% (typical) Output Voltage Accuracy
n
1% Charger Voltage Accuracy
Typical Application
20094501
May 2004
© 2004 National Semiconductor Corporation
DS200945
www.national.com


Similar Part No. - LP3941A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3941 TI1-LP3941 Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3941LQ-A TI1-LP3941LQ-A Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3941LQA TI1-LP3941LQA Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3941LQX-A TI1-LP3941LQX-A Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
More results

Similar Description - LP3941A

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6038KN ROHM-BH6038KN Datasheet
404Kb / 6P
Power Management for Cellular Phone
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
Power management IC for cellular phone
BU7831KN ROHM-BU7831KN Datasheet
310Kb / 6P
Audio Management for cellular phone
logo
Maxim Integrated Produc...
MAX1958 MAXIM-MAX1958 Datasheet
799Kb / 24P
W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Rev 0; 10/02
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
CDMA Cellular Phone Power Management IC
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
CDMA Cellular Phone Power Management IC
logo
Texas Instruments
LP3923 TI1-LP3923 Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3941 TI1-LP3941 Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3923 TI1-LP3923_15 Datasheet
1Mb / 37P
Cellular Phone Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com