Electronic Components Datasheet Search
  English  ▼

X  

LP3941LQA Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3941LQA
Description  Cellular Phone Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3941LQA Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3941LQA Datasheet HTML 1Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 2Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 3Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 4Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 5Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 6Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 7Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 8Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
CHG-IN
−0.3V to +12V
IN1–6, BATT, SDA, SCL, ON,
HF-PWR, PS-HOLD, SYS,
COMP1_IN, COMP2_IN,
CHG_IN, BSNS, V
O5-EN,
V
O6-EN, LED1–3,
RTC_ALARM, BU_BAT, V
RTC,
RESET, BATT
SENSE.
−0.3V to +6V
REFBYP, ON, PS-HOLD,
COMP1_OUT, COMP2_OUT
to GND
−0.3V to +V
BAT + 0.3V
V
O1 to GND
−0.3V to +V
IN1 + 0.3V
V
O2,VO3 to GND
−0.3V to +V
IN2 + 0.3V
V
O4,VO5 to GND
−0.3V to +V
IN3 + 0.3V
V
O6,VO7 to GND
−0.3V to +V
IN4 + 0.3V
V
O8,VO9 to GND
−0.3V to +V
IN5 + 0.3V
V
O10,VO11 to GND
−0.3V to +V
IN6 + 0.3V
GND to GND SLUG
±0.3V
Maximum Continuous Power Dissipation
(P
D_MAX) (Note 3)
3.07W
Junction Temperature (T
J-MAX)
150˚C
Storage Temperature Range
−65˚C to +150˚C
Maximum Lead Temperature
(Soldering)
(Note 4)
ESD Ratings (Note 5)
All Pins
2 kV HBM
200V MM
Operating Ratings (Notes 1, 2)
V
IN
3.0V to 6.0V
V
EN
0V to (V
IN + 0.3V)
Junction Temperature (T
J) Range
−40˚C to +125˚C
Ambient Temperature (T
A) Range
(Note 6)
−40˚C to +85˚C
Thermal Properties (Note 7)
Junction-to-Ambient Thermal
Resistance (
θ
JA)
26˚C/W
Electrical Characteristics
Unless otherwise noted, V
IN = 2.5V to 5.5V, CIN (IN1–6) = 4.7 µF, COUT (VO1 and VO9) = 4.7 µF, COUT (VO2,VO3,VO7,VO8,
V
O10 and VO11) = 2.2 µF, COUT (VO4 to VO6) = 1 µF, COUT (VRTC)=1µF ceramic, CBYP = 0.1 µF. Typical values and limits
appearing in normal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature
range for operation, −40 to +125˚C. (Notes 2, 8, 9, 10)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
Q
Shutdown Supply Current
V
BATT = 2.1V, UVLO on, internal
logic generator on, V
RTC off, all other
circuits off.
14
µA
No Load Supply Current, LDO
1&3&5on
V
BATT = 3.6V, LDOs VO1,VO3 and
V
O5 on, back-up battery charger and
V
RTC on, charger disconnected,
comparator1&2on.
310
µA
No Load Supply Current
V
BATT = 3.6V, All LDOs on, charger
disconnected.
500
µA
BATTERY UNDER VOLTAGE LOCKOUT
V
UVLO-R
Under Voltage Lock-Out
V
BATT Rising
2.91
3.1
3.32
V
V
UVLO-F
Under Voltage Lock-Out
V
BATT Falling
2.15
2.49
2.85
V
V
TH-POR
Power-On Reset Threshold
V
BATT Falling Edge
1
1.7
2.3
V
THERMAL SHUTDOWN
Threshold
Hysteresis
160
10
˚C
OUTPUT CAPACITORS
C
OUT
Capacitance
ESR
1
5
20
500
µF
m
Ω
LOGIC AND CONTROL INPUTS
V
IL
Input Low Level
PS-HOLD, ON, BSNS, HF-PWR,
RTC_ALARM, SDA, SCL, V
O5-EN,
V
O6-EN.
2.5V
≤ V
BATT
≤ 5.5V
0.4
V
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com