Electronic Components Datasheet Search
  English  ▼

X  

LP3941LQA Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3941LQA
Description  Cellular Phone Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3941LQA Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP3941LQA Datasheet HTML 10Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 11Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 12Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 13Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 14Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 15Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 16Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 17Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Main Battery Charger Electrical Characteristics (Continued)
Unless otherwise noted, V
CHG-IN = 5V, VBATT = 4V. Typical values and limits appearing in normal type apply for TJ = 25˚C.
Limits appearing in boldface type apply over the entire junction temperature range for operation, −40 to +125˚C. (Notes 2, 9,
8, 12)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
CHG
Fast Charge Current Accuracy
I
CHG = 700 mA
−10
±5
+10
%
Fast Charge Current Range
478
937
mA
Programmable Charging
Current Step
43
mA
I
PRE−CHG
Pre-Charge Current
V
BATT =2V
28
42
59
mA
R
SENSE
Internal Current Sense
Resistance
120
m
Ω
Internal Current Sense Resistor
Load Current
1.2
A
CHARGING PERFORMANCE
V
BATT
Battery Regulation Voltage
(CV Mode, for 4.1V Cell)
T
A −40˚C to +85˚C
4.015
4.1
4.19
Battery Regulation Voltage
CV mode, for 4.2V Cell)
T
A −40˚C to +85˚C
4.115
4.2
4.289
V
CHG-Q
Full Charge Qualification
Threshold
V
BATT Rising, Transition from
Pre-Charge to Full Current
2.8
3.0
3.2
V
V
BAT-RST
Restart Threshold Voltage
(For 4.1V Cell)
V
BATT Falling, Transition from EOC,
to Pre-Qual State
3.9
V
Restart Threshold Voltage
(For 4.2 Cell)
V
BATT Falling, Transition from EOC,
to Pre-Qual State
4.0
t
EOC
Time to EOC State
−40˚C to +85˚C (Note 10)
4.80
5.625
6.55
Hrs
A/D CONVERTER PERFORMANCE
Resolution
8
Bits
INL
Relative Accuracy
−1
+1
LSB
DNL
Differential Nonlinearity
No Missing Code
−1
+1
LSB
Note: While charging a Li-Ion battery with this charger is possible in cold temperatures (generally below −5˚C–0˚C) is possible with the LP3941A, charging a battery
outside its manufacturer recommended temperature limits is strongly discouraged.
I
2C Compatible Interface Electrical Characteristics
Unless otherwise noted, V
BATT = +2.5V to 5.5V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits
appearing in boldface type apply over the entire junction temperature range for operation, −40 to +125˚C. (Notes 2, 8, 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
F
CLK
Clock Frequency
400
kHz
t
BF
Bus-Free Time between START and
STOP
(Note 10)
1.3
µs
t
HOLD
Hold Time Repeated START Condition
(Note 10)
0.6
µs
t
CLK-LP
CLK Low Period
(Note 10)
1.3
µs
t
CLK-HP
CLK High Period
(Note 10)
0.6
µs
t
SU
Set-Up Time Repeated START Condition
(Note 10)
0.6
µs
t
DATA-HOLD
Data Hold Time
(Note 10)
0
µs
t
DATA-SU
Data Set-Up Time
(Note 10)
100
ns
t
SU
Set-Up Time for STOP Condition
(Note 10)
0.6
µs
t
TRANS
Maximum Pulse Width of Spikes that must
be suppressed by the input filter of both
DATA & CLK signals.
(Note 10)
50
ns
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: The amount of Absolute Maximum power dissipation allowed for the device depends on the ambient temperature and can be calculated using the formula
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com