Electronic Components Datasheet Search
  English  ▼

X  

MPC9993 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC9993
Description  INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9993 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC9993 Datasheet HTML 1Page - Motorola, Inc MPC9993 Datasheet HTML 2Page - Motorola, Inc MPC9993 Datasheet HTML 3Page - Motorola, Inc MPC9993 Datasheet HTML 4Page - Motorola, Inc MPC9993 Datasheet HTML 5Page - Motorola, Inc MPC9993 Datasheet HTML 6Page - Motorola, Inc MPC9993 Datasheet HTML 7Page - Motorola, Inc MPC9993 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MPC9993
TIMING SOLUTIONS
5
MOTOROLA
Table 4. AC Characteristics (VCC = 3.3V ± 5%, TA = –40°C to +85°C)a
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Reference Frequency
÷16 feedback
50
100
MHz
PLL locked
fVCO
VCO Frequency Rangeb
÷16 feedback
800
1600
MHz
fMAX
Output Frequency
QA[1:0]
QB[2:0]
50
100
100
200
MHz
MHz
PLL locked
frefDC
Reference Input Duty Cycle
25
75
%
t(
∅)
Propagation Delay
SPO, static phase offsetc
CLK0, CLK1 to any Q
-2.0
0.9
+2.0
1.8
ns
ns
PLL_EN=1
PLL_EN=0
VPP
Differential input voltaged
(peak-to-peak)
0.25
1.3
V
VCMR
Differential input crosspoint voltagee
VCC-1.7
VCC-0.3
V
tsk(O)
Output-to-output Skew
within QA[2:0] or QB[1:0]
within device
50
80
ps
ps
∆per/cycle
Rate of change of period
QA[1:0]f
QB[2:0]f
QA[1:0]g
QB[2:0]g
20
10
200
100
50
25
400
200
ps
ps
ps
ps
DC
Output Duty Cycle
45
50
55
%
tJIT(CC)
Cycle-to-Cycle Jitter
RMS (1
σ)
47
ps
tLOCK
Maximum PLL Lock Time
10
ms
tr, tf
Output Rise/Fall Time
0.05
0.70
ns
20% to 80%
a. AC characteristics apply for parallel output termination of 50
Ω to VCC - 2V.
b. The input reference frequency must match the VCO lock range divided by the feedback divider ratio (FB): fref = fVCO ÷ FB.
c. CLK0, CLK1 to Ext_FB.
d. VPP is the minimum differential input voltage swing required to maintain AC characteristics including SPO and device-to-device skew.
Applicable to CLK0, CLK1 and Ext_FB.
e. VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR (AC)
range and the input swing lies within the V PP (AC) specification. Violation of VCMR (AC) or VPP (AC) impacts the SPO, device and
part-to-part skew. Applicable to CLK0, CLK1 and Ext_FB.
f.
Specification holds for a clock switch between two input signals (CLK0, CLK1) no greater than 400 ps out of phase. Delta period change
per cycle is averaged over the clock switch excursion.
g. Specification holds for a clock switch between two input signals (CLK0, CLK1) at any phase difference (
±180_). Delta period change per
cycle is averaged over the clock switch excursion.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com