Electronic Components Datasheet Search
  English  ▼

X  

HFM2012 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # HFM2012
Description  SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 1200 Volts CURRENT 2.0 Ampere
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HFM2012 Datasheet(HTML) 1 Page - Rectron Semiconductor

  HFM2012 Datasheet HTML 1Page - Rectron Semiconductor HFM2012 Datasheet HTML 2Page - Rectron Semiconductor HFM2012 Datasheet HTML 3Page - Rectron Semiconductor HFM2012 Datasheet HTML 4Page - Rectron Semiconductor HFM2012 Datasheet HTML 5Page - Rectron Semiconductor HFM2012 Datasheet HTML 6Page - Rectron Semiconductor HFM2012 Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SURFACE MOUNT GLASS PASSIVATED
HIGH EFFICIENCY SILICON RECTIFIER
VOLTAGE 1200 Volts CURRENT 2.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TL = 90
OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
40
Amps
0 C/W
0 C
Storage Temperature Range
R
θ JL
20
IO
Operating Temperature Range
TJ
-55 to + 175
0 C
HFM2012
1200
1200
840
2021-08
REV: O
CHARACTERISTICS
Maximum Average Reverse Current
Maximum Reverse Recovery Time (Note 2)
at Rated DC Blocking Voltage
VF
SYMBOL
I
trr
R
μA
μA
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
5
200
75
nSec
@TA = 25
oC
@TA = 150
oC
UNITS
1.75
NOTES : 1. Thermal Resistance : Mounted on PCB.
2. Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
FEATURES
* Ideal for surface mounted applications
* Glass passivated device
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.104 gram
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
DO-214AA
*Dimensions in inches and (millimeters)
0.091 (2.30)
0.067 (1.70)
0.155 (3.94)
0.130 (3.30)
0.185 (4.70)
0.160 (4.06)
0.098 (2.50)
0.083 (2.10)
0.060 (1.52)
0.030 (0.76)
0.224 (5.70)
0.201 (5.10)
0.012 (0.305)
0.006 (0.152)
0.012 (0.30)
0.00 (0.00)
6.64
-55 to + 175
HFM2012
HFM2012


Similar Part No. - HFM2012

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM2012C RECTRON-HFM2012C Datasheet
290Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 1200 Volts CURRENT 2.0 Ampere
2021-08 REV: O
More results

Similar Description - HFM2012

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM201L RECTRON-FM201L Datasheet
360Kb / 4P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
HFM201L RECTRON-HFM201L Datasheet
341Kb / 5P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
FM3012-W-A01 RECTRON-FM3012-W-A01 Datasheet
552Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 1200 Volts CURRENT 3.0 Amperes
HDB108LS RECTRON-HDB108LS Datasheet
98Kb / 6P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 1000 Volts CURRENT 1.0 Ampere
2015-04 REV: O
HDB208LS RECTRON-HDB208LS Datasheet
596Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 1000 Volts CURRENT 2.0 Ampere
2020-04/97 REV:A
FM2000B RECTRON-FM2000B Datasheet
81Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2022-02 REV: O
FM2000F RECTRON-FM2000F Datasheet
410Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2020-01/97 REV: O
HFM2012C RECTRON-HFM2012C Datasheet
290Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 1200 Volts CURRENT 2.0 Ampere
2021-08 REV: O
HFM308CF RECTRON-HFM308CF Datasheet
112Kb / 6P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere
2021-11/115 REV:O
HFM308P RECTRON-HFM308P Datasheet
151Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere
2021-11 REV:O
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com