Electronic Components Datasheet Search
  English  ▼

X  

HFM2012 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # HFM2012
Description  SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 1200 Volts CURRENT 2.0 Ampere
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HFM2012 Datasheet(HTML) 2 Page - Rectron Semiconductor

  HFM2012 Datasheet HTML 1Page - Rectron Semiconductor HFM2012 Datasheet HTML 2Page - Rectron Semiconductor HFM2012 Datasheet HTML 3Page - Rectron Semiconductor HFM2012 Datasheet HTML 4Page - Rectron Semiconductor HFM2012 Datasheet HTML 5Page - Rectron Semiconductor HFM2012 Datasheet HTML 6Page - Rectron Semiconductor HFM2012 Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LEAD TEMPERATURE, (
OC)
25
1.6
2.0
0
1.2
0.8
0.4
0
75
50
175
100
125
150
FIG.2 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.1 TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
0.1
10
1.0
1000
100
60
20
40
80
100
120
140
FIG.3 MAXIMUM REVERSE
CHARACTERISTICS
trr
+0.5A
50
Ω
NONINDUCTIVE
10
Ω
NONINDUCTIVE
0
-0.25A
-1.0A
1cm
SET TIME BASE FOR 30/1 ns/cm
NOTES: 1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22pF.
2. Rise Time = 10ns max. Source Impedance =
50 ohms.
D.U.T
25 Vdc
(approx)
( - )
( - )
( + )
( + )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
TA = 25
OC
TA = 150
OC
RATING AND CHARACTERISTICS CURVES (HFM2012)
INSTANTANEOUS FORWARD VOLTAGE, (V)
1.0
0.3
0.1
0.03
0.01
3.0
10
20
2.5
2.0
1.5
1.0
0.5
0
3.0
3.5
Pulse Width=300uS
1% Duty Cycle
TJ = 25
OC
NUMBER OF CYCLES AT 60Hz
1
20
10
30
50
60
40
2
4
6
8 10
20
40
80 100
8.3mS Single Half Sine-Wave
JEDEC Method
FIG.4 MAXIMUM INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com