| Electronic Components Datasheet Search |
|
MIC4425 Datasheet(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC4425 Datasheet(HTML) 6 Page - Microchip Technology |
|
6 / 26 page ![]() MIC4423/4/5 DS20006638A-page 6 2022 Microchip Technology Inc. and its subsidiaries 2.0 TYPICAL PERFORMANCE CURVES FIGURE 2-1: Rise Time vs. Supply Voltage. FIGURE 2-2: Fall Time vs. Supply Voltage. FIGURE 2-3: Rise Time vs. Capacitive Load. FIGURE 2-4: Fall Time vs. Capacitive Load. FIGURE 2-5: Rise and Fall Time vs. Temperature. FIGURE 2-6: Propagation Delay vs. Input Amplitude. Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0 20 40 60 80 100 46 8 10 12 14 16 18 V SUPPLY (V) 4700pF 2200pF 1800pF 1000pF 470pF 3300pF 0 20 40 60 80 100 4 6 8 10 12 14 16 18 V SUPPLY (V) 1000pF 1800pF 2200pF 3300pF 4700pF 470pF 0 20 40 60 80 100 100 1000 10000 C LOAD (pF) 5V 12V 18V 0 20 40 60 80 100 100 1000 10000 C LOAD (pF) 5V 18V 12V 0 10 20 30 40 -75 -30 15 60 105 150 T R T F V S = 18V C LOAD = 1800pF 0 10 20 30 40 50 02468 10 12 INPUT (V) V S = 18V C LOAD = 1800pF T D1 T D2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |