Electronic Components Datasheet Search
  English  ▼

X  

AT24HC02B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24HC02B
Description  Utilizes Different Array Protection Compared
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24HC02B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24HC02B Datasheet HTML 5Page - ATMEL Corporation AT24HC02B Datasheet HTML 6Page - ATMEL Corporation AT24HC02B Datasheet HTML 7Page - ATMEL Corporation AT24HC02B Datasheet HTML 8Page - ATMEL Corporation AT24HC02B Datasheet HTML 9Page - ATMEL Corporation AT24HC02B Datasheet HTML 10Page - ATMEL Corporation AT24HC02B Datasheet HTML 11Page - ATMEL Corporation AT24HC02B Datasheet HTML 12Page - ATMEL Corporation AT24HC02B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
AT24HC02B
5134A–SEEPR–9/05
Figure 8. Byte Write
PAGE WRITE: The 2K EEPROM is capable of an 8-byte page write.
A page write is initiated the same as a byte write, but the microcontroller does not send
a stop condition after the first data word is clocked in. Instead, after the EEPROM
acknowledges receipt of the first data word, the microcontroller can transmit up to seven
(2K) more data words. The EEPROM will respond with a “0” after each data word
received. The microcontroller must terminate the page write sequence with a stop condi-
tion, see Figure 9.
Figure 9. Page Write
The data word address lower three (2K) bits are internally incremented following the
receipt of each data word. The higher data word address bits are not incremented,
retaining the memory page row location. When the word address, internally generated,
reaches the page boundary, the following byte is placed at the beginning of the same
page. If more than eight (2K) data words are transmitted to the EEPROM, the data word
address will “roll over” and previous data will be overwritten.
ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves send-
ing a start condition followed by the device address word. The read/write bit is
representative of the operation desired. Only if the internal write cycle has completed
will the EEPROM respond with a “0” allowing the read or write sequence to continue.
S
T
A
R
T
M
S
B
M
S
B
L
S
B
S
T
O
P
W
R
I
T
E
SDA LINE
DEVICE
ADDRESS
WORD ADDRESS
DATA
L
S
B
A
C
K
A
C
K
A
C
K
R
/
W
S
T
A
R
T
M
S
B
S
T
O
P
W
R
I
T
E
SDA LINE
DEVICE
ADDRESS
WORD ADDRESS (n)
DATA (n)
DATA (n + 1)
DATA (n + x)
L
S
B
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
R
/
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com